Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 406Page - Renesas Technology Corp 7906 Datasheet HTML 407Page - Renesas Technology Corp 7906 Datasheet HTML 408Page - Renesas Technology Corp 7906 Datasheet HTML 409Page - Renesas Technology Corp 7906 Datasheet HTML 410Page - Renesas Technology Corp 7906 Datasheet HTML 411Page - Renesas Technology Corp 7906 Datasheet HTML 412Page - Renesas Technology Corp 7906 Datasheet HTML 413Page - Renesas Technology Corp 7906 Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-5
APPENDIX
Appendix 1. Memory assigment in SFR area
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
Access characteristics
0
1
?
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after
reset.
: Always “0” at reading.
: Always “1” at reading.
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
0
?
1
State immediately after reset
0
UART1 receive interrupt control register
60 16
61 16
62 16
63 16
64 16
65 16
66 16
67 16
68 16
69 16
70 16
71 16
72 16
73 16
74 16
75 16
76 16
77 16
78 16
79 16
7A16
7B16
7C16
7D16
7E16
7F16
6B16
6C16
6D16
6E16
6F16
6A16
A-D conversion interrupt control register
UART0 transmit interrupt control register
UART1 transmit interrupt control register
Watchdog timer frequency select register
Watchdog timer register
Timer A0 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B1 interrupt control register
Timer B2 interrupt control register
b7
b0
b7
UART0 receive interrupt control register
Timer A1 interrupt control register
Timer B0 interrupt control register
Debug control register 0
INT4 interrupt control register
b0
INT3 interrupt control register
Debug control register 1
Particular function select register 0
Particular function select register 1
Address comparison register 0
Address comparison register 1
Particular function select register 2
Register name
Address
Access characteristics
State immediately after reset
Notes 8 : By writing dummy data to address 6016, a value of “FFF16” is set to the watchdog timer.
The dummy data is not retained anywhere.
9 : A value of “FFF16” is set to the watchdog timer. (Refer to “CHAPTER 14. WATCHDOG TIMER.”)
10 : After writing “5516” to address 6216, each bit must be set.
11 : It is possible to read the bit state at reading. By writing “0” to this bit, this bit becomes “0.”
But when writing “1” to this bit, this bit will not change.
12 : This bit becomes “0” at power-on reset. This bit retains the state immediately before reset in the case of
hardware reset and software reset.
13 : Do not write to this register.
14 : When these registers are accessed, set the address comparison register access enable bit (bit 2 at address
6716) to “1.” (Refer to “CHAPTER 17. DEBUG FUNCTION.”)
(Note 13)
?
0
0
0
(Note 12)
0
0
0
0
0
0
00
0
?
?
?
?
0
RW
1
0
0
RW
(Note 8)
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
? (Note 9)
0
00
00
00
00
?
00
0
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
00
RW
RW
RW
RW
RW
RW
RO
?
?
0 (Note 12)
0
0
00
0
0
?
0
(Note 12)
(Note 11)
RO
RO
RW
RW
RW
RW (Note 14)
RW (Note 14)
RW (Note 14)
RW (Note 14)
RW (Note 14)
RW (Note 14)
RW (Note 10)
0
(Note 13)
RW
RW
RW RW
RW
0
0
0
0
?
0
0
(Note 13)
?
(Note 13)
?
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com