Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 410Page - Renesas Technology Corp 7906 Datasheet HTML 411Page - Renesas Technology Corp 7906 Datasheet HTML 412Page - Renesas Technology Corp 7906 Datasheet HTML 413Page - Renesas Technology Corp 7906 Datasheet HTML 414Page - Renesas Technology Corp 7906 Datasheet HTML 415Page - Renesas Technology Corp 7906 Datasheet HTML 416Page - Renesas Technology Corp 7906 Datasheet HTML 417Page - Renesas Technology Corp 7906 Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-9
APPENDIX
Appendix 1. Memory assigment in SFR area
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
Access characteristics
0
1
?
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after
reset.
: Always “0” at reading.
: Always “1” at reading.
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
0
?
1
State immediately after reset
0
E0 16
E1 16
E2 16
E3 16
E4 16
E5 16
E6 16
E7 16
E8 16
E9 16
F0 16
F1 16
F2 16
F3 16
F4 16
F5 16
F6 16
F7 16
F8 16
F9 16
FA16
FB16
FC16
FD16
FE16
FF16
EB16
EC16
ED16
EE16
EF16
EA16
Timer A5 interrupt control register
Timer A7 interrupt control register
Timer A8 interrupt control register
Timer A9 interrupt control register
b7
b0
b7
Timer A6 interrupt control register
INT7 interrupt control register
b0
INT6 interrupt control register
Register name
Address
Access characteristics
State immediately after reset
Notes 21 : Do not write to this register.
INT5 interrupt control register
?
?
?
?
?
(Note 21)
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
RW
?
00
00
00
0
RW
0
?
0
?
00
0
RW
0
?
00
0
RW
0
?
00
0
RW
0
?
00
0
RW
0
RW
00
00
0
?
RW
00
00
0
?
0
0
0
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
(Note 21)
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com