Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 416 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 416 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 412Page - Renesas Technology Corp 7906 Datasheet HTML 413Page - Renesas Technology Corp 7906 Datasheet HTML 414Page - Renesas Technology Corp 7906 Datasheet HTML 415Page - Renesas Technology Corp 7906 Datasheet HTML 416Page - Renesas Technology Corp 7906 Datasheet HTML 417Page - Renesas Technology Corp 7906 Datasheet HTML 418Page - Renesas Technology Corp 7906 Datasheet HTML 419Page - Renesas Technology Corp 7906 Datasheet HTML 420Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-11
APPENDIX
Appendix 2. Control registers
RW
RW
RW
RW
RW
RW
RW
RW
Bit name
Bit
0
1
2
3
4
5
6
7
Port Pi register (i = 1, 2, 5 to 7)
(Addresses 316, 616, B16, E16, F16)
Funtion
At reset
R/W
Port pin Pi0
Port pin Pi1
Port pin Pi2
Port pin Pi3
Port pin Pi4
Port pin Pi5
Port pin Pi6
Port pin Pi7
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: Nothing is assigned for bits 0 to 4 of the port P5 register. These bits are undefined at reading.
2: Nothing is assigned for bits 6 and 7 of the port P6 register. These bits are undefined at reading.
3: Nothing is assigned for bits 5 to 7 of the port P7 register. These bits are undefined at reading.
Data is input from or output to a pin by reading from
or writing to the corresponding bit.
0 : “L” level
1 : “H” level
Reference
5-4
0
1
2
3
4
5
6
7
Port Pi direction register (i = 1, 2, 5 to 7)
(Addresses 516, 816, D16, 1016, 1116)
Port Pi0 direction bit
Port Pi1 direction bit
Port Pi2 direction bit
Port Pi3 direction bit
Port Pi4 direction bit
Port Pi5 direction bit
Port Pi6 direction bit
Port Pi7 direction bit
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: Nothing is assigned for bits 0 to 4 of the port P5 direction register. These bits are undefined at reading.
2: Nothing is assigned for bits 6 and 7 of the port P6 direction register. These bits are undefined at reading.
3: Nothing is assigned for bits 5 to 7 of the port P7 direction register. These bits are undefined at reading.
4: Any of bits 0 to 5 of the port P6 direction register becomes “0” by input of a falling edge to pin P6OUTCUT/INT4. (Refer to
section “5.2.3 Pin P6OUTCUT/INT4.”)
0 : Input mode
(The port functions as an input port.)
1 : Output mode
(The port functions as an output port.)
Bit name
Bit
Function
At reset
R/W
Reference
5-3
Port P1
11-18
Port P2
6-20
7-10
8-6
9-9
Port P5
6-20
8-6
10-13
Port P6
5-6
7-10
Port P7
6-20
9-9
12-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com