Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 420 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 420 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 416Page - Renesas Technology Corp 7906 Datasheet HTML 417Page - Renesas Technology Corp 7906 Datasheet HTML 418Page - Renesas Technology Corp 7906 Datasheet HTML 419Page - Renesas Technology Corp 7906 Datasheet HTML 420Page - Renesas Technology Corp 7906 Datasheet HTML 421Page - Renesas Technology Corp 7906 Datasheet HTML 422Page - Renesas Technology Corp 7906 Datasheet HTML 423Page - Renesas Technology Corp 7906 Datasheet HTML 424Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 420 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-15
APPENDIX
Appendix 2. Control registers
8 to 0
15 to 9
Reference
11-5
0
0
0
0
0
0
0
0
0
1
2
3
4
5
6
7
UART0 transmit/receive mode register (Address 3016)
UART1 transmit/receive mode register (Address 3816)
Serial I/O mode select bits
Internal/External clock select bit
Stop bit length select bit
(Valid in UART mode)
(Note)
Odd/Even parity select bit
(Valid in UART mode when parity
enable bit = “1.”)
(Note)
Parity enable bit
(Valid in UART mode)
(Note)
Sleep select bit
(Valid in UART mode)
(Note)
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Note: Bits 4 to 6 are invalid in the clock synchronous serial I/O mode. (Each may be either “0” or “1.”) Additionally, fix bit 7 to “0.”
0 0 0 : Serial I/O is invalid.
(P1 functions as a programmable I/O port.)
0 0 1 : Clock synchronous serial I/O mode
0 1 0 :
0 1 1 :
1 0 0 : UART mode (Transfer data length = 7 bits)
1 0 1 : UART mode (Transfer data length = 8 bits)
1 1 0 : UART mode (Transfer data length = 9 bits)
1 1 1 : Do not select.
b2 b1 b0
0 : Internal clock
1 : External clock
0 : One stop bit
1 : Two stop bits
0 : Odd parity
1 : Even parity
0 : Parity disabled
1 : Parity enabled
0 : Sleep mode terminated (Invalid)
1 : Sleep mode selected
Do not select.
Bit name
Bit
Function
At reset
R/W
Undefined
7 to 0
UART0 baud rate register (BRG0) (Address 3116)
UART1 baud rate register (BRG1) (Address 3916)
Any value in the range from “0016” to “FF16” can be set.
Assuming that the set value = n, BRGi divides the count source frequency by (n + 1).
WO
b0
Note: Writing to this register must be performed while the transmission/reception halts.
Use the MOVM (MOVMB) or STA (STAB, STAD) instruction for writing to this register.
b7
Bit
Function
At reset
R/W
UART0 transmit buffer register (Addresses 3316, 3216)
UART1 transmit buffer register (Addresses 3B16, 3A16)
b0
Note: Use the MOVM (MOVMB) or STA (STAB, STAD) instruction for writing to this register.
b7
b0
b7
(b15)
(b8)
Transmit data is set.
Nothing is assigned.
Undefined
Undefined
WO
–
Bit
Function
At reset
R/W
Reference
11-14
Reference
11-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com