Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 422 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 422 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 418Page - Renesas Technology Corp 7906 Datasheet HTML 419Page - Renesas Technology Corp 7906 Datasheet HTML 420Page - Renesas Technology Corp 7906 Datasheet HTML 421Page - Renesas Technology Corp 7906 Datasheet HTML 422Page - Renesas Technology Corp 7906 Datasheet HTML 423Page - Renesas Technology Corp 7906 Datasheet HTML 424Page - Renesas Technology Corp 7906 Datasheet HTML 425Page - Renesas Technology Corp 7906 Datasheet HTML 426Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-17
APPENDIX
Appendix 2. Control registers
0
0
0
0
0
0
0
0
0
1
2
3
4
5
6
7
Count start register 0 (Address 4016)
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A3 count start bit
Timer A4 count start bit
Timer B0 count start bit
Timer B1 count start bit
Timer B2 count start bit
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 : Stop counting
1 : Start counting
Bit name
Bit
Function
At reset
R/W
Reference
7-7
8-4
8 to 0
15 to 9
UART0 receive buffer register (Addresses 3716, 3616)
UART1 receive buffer register (Addresses 3F16, 3E16)
b0
b7
b0
b7
(b15)
(b8)
Receive data is read out from here.
The value is “0” at reading.
Undefined
0
RO
–
Bit
Function
At reset
R/W
Reference
11-13
0
0
0
0
0
Undefined
0
1
2
3
4
7 to 5
Count start register 1 (Address 4116)
Timer A5 count start bit
Timer A6 count start bit
Timer A7 count start bit
Timer A8 count start bit
Timer A9 count start bit
Nothing is assigned.
RW
RW
RW
RW
RW
–
b7 b6 b5 b4 b3 b2 b1 b0
0 : Stop counting
1 : Start counting
Bit name
Bit
Function
At reset
R/W
Reference
7-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com