Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 421Page - Renesas Technology Corp 7906 Datasheet HTML 422Page - Renesas Technology Corp 7906 Datasheet HTML 423Page - Renesas Technology Corp 7906 Datasheet HTML 424Page - Renesas Technology Corp 7906 Datasheet HTML 425Page - Renesas Technology Corp 7906 Datasheet HTML 426Page - Renesas Technology Corp 7906 Datasheet HTML 427Page - Renesas Technology Corp 7906 Datasheet HTML 428Page - Renesas Technology Corp 7906 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-20
Appendix 2. Control registers
0
1
7 to 2
Timer A clock division select register (Address 4516)
Timer A clock division select bits
The value is “0” at reading.
0
0
0
RW
RW
–
b7 b6 b5 b4 b3 b2 b1 b0
See Table 7.2.3.
Bit name
Bit
Function
At reset
R/W
Timer A0 register (Addresses 4716, 4616)
Timer A5 register (Addresses C716, C616)
Timer A1 register (Addresses 4916, 4816)
Timer A6 register (Addresses C916, C816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A7 register (Addresses CB16, CA16)
Timer A3 register (Addresses 4D16, 4C16)
Timer A8 register (Addresses CD16, CC16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
Undefined
15 to 0 These bits have different functions according to the operating mode.
RW
b0
b7
b0
b7
(b15)
(b8)
Note: Reading from or writing to this register must be performed in a unit of 16 bits.
Bit
Function
At reset
R/W
Operating mode select bits
(Note)
These bits have different functions according to the operating mode.
0
1
2
3
4
5
6
7
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
Timer Ai mode register (i = 5 to 9) (Addresses D616 to DA16)
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot pulse mode
1 1 : Pulse width modulation (PWM) mode.
b1 b0
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
Bit name
Bit
Function
At reset
R/W
Reference
7-6
Reference
7-5
Reference
7-8
Note: For timers A3 and A5 to A8, fix these bits to “00”; do not select “012,” “102,” and “112.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com