Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 423Page - Renesas Technology Corp 7906 Datasheet HTML 424Page - Renesas Technology Corp 7906 Datasheet HTML 425Page - Renesas Technology Corp 7906 Datasheet HTML 426Page - Renesas Technology Corp 7906 Datasheet HTML 427Page - Renesas Technology Corp 7906 Datasheet HTML 428Page - Renesas Technology Corp 7906 Datasheet HTML 429Page - Renesas Technology Corp 7906 Datasheet HTML 430Page - Renesas Technology Corp 7906 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-22
Appendix 2. Control registers
0
1
2
3
4
5
6
7
s Event counter mode
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
0
15 to 0
RW
b0
b7
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
b0
b7
(b15)
(b8)
Timer Aj mode register (j = 0 to 2, 4, 9) (Addresses 5616 to 5816, 5A16, DA16)
Operating mode select bits
Pulse output function select bit
Count polarity select bit
Up-down switching factor select
bit
Fix this bit to “0” in event counter mode.
These bits are invalid in event counter mode.
b7 b6 b5 b4 b3 b2 b1 b0
0 1 : Event counter mode
b1 b0
01
0 : No pulse output (TAjOUT pin functions as a
programmable I/O port pin.)
1 : Pulse output (TAjOUT pin functions as a pulse
output pin.)
X : It may be either “0” or “1.”
XX 0
0 : Counts at falling edge of external signal
1 : Counts at rising edge of external signal
0 : Contents of up-down register
1 : Input signal to TAjOUT pin
Bit
Function
At reset
R/W
Bit name
Bit
Function
At reset
R/W
Undefined
Any value in the range from “000016” to “FFFF16” can be set.
Assuming that the set value = n, the counter divides the count source frequency by (n + 1)
during countdown, or by (FFFF16 – n + 1) during countup.
When reading, the register indicates the counter value.
Note: Reading from or writing to this register must be performed in a unit of 16 bits.
Reference
7-20
Reference
7-20
7-26
7-20
7-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com