Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 429 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 429 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 425Page - Renesas Technology Corp 7906 Datasheet HTML 426Page - Renesas Technology Corp 7906 Datasheet HTML 427Page - Renesas Technology Corp 7906 Datasheet HTML 428Page - Renesas Technology Corp 7906 Datasheet HTML 429Page - Renesas Technology Corp 7906 Datasheet HTML 430Page - Renesas Technology Corp 7906 Datasheet HTML 431Page - Renesas Technology Corp 7906 Datasheet HTML 432Page - Renesas Technology Corp 7906 Datasheet HTML 433Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-24
Appendix 2. Control registers
RW
RW
RW
RW
RW
RW
RW
RW
s Pulse width modulation (PWM) mode
0
1
2
3
4
5
6
7
Timer Aj mode register (i = 0 to 2, 4, 9) (Addresses 5616 to 5816, 5A16, DA16)
Operating mode select bits
Fix this bit to “1” in PWM mode.
Trigger select bits
16/8-bit PWM mode select bit
Count source select bits
b7 b6 b5 b4 b3 b2 b1 b0
1 1 : PWM mode
b1 b0
11
0 0 :
Writing “1” to count start bit
0 1 :
(TAjIN pin functions as a programmable I/O
port pin.)
1 0 : Falling edge of TAjIN pin’s input signal
1 1 : Rising edge of TAjIN pin’s input signal
b4 b3
1
0 : 16-bit pulse width modulator
1 : 8-bit pulse width modulator
0
0
0
0
0
0
0
0
See Table 7.2.3.
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
Undefined
15 to 0
Any value in the range from “000016” to “FFFE16” can be set.
Assuming that the set value = n, the “H” level width of the PWM pulse which is output
from the TAjOUT pin is expressed as follows :
(PWM pulse period =
)
WO
b0
b7
b0
b7
(b15)
(b8)
fi: Frequency of count source
Note: Use the MOVM or STA(STAD) instruction for writing to this register.
Writing to this register must be performed in a unit of 16 bits.
n
fi
216–1
fi
<When operating as a 16-bit pulse width modulator>
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
Undefined
Undefined
7 to 0
15 to 8
Any value in the range from “0016” to “FF16” can be set.
Assuming that the set value = m, the period of the PWM pulse which is output from the
TAjOUT pin is expressed as follows:
WO
WO
b0
b7
b0
b7
(b15)
(b8)
(m + 1) (28 – 1)
fi
<When operating as an 8-bit pulse width modulator>
Any value in the range from “0016” to “FF16” can be set.
Assuming that the set value = n, the “H” level width of the PWM pulse which is output
from the TAjOUT pin is expressed as follows: n(m + 1)
fi
fi: Frequency of count source
Note: Use the MOVM or STA(STAD) instruction for writing to this register.
Writing to this register must be performed in a unit of 16 bits.
Bit
Function
At reset
R/W
Bit name
Bit
Function
At reset
R/W
Bit
Function
At reset
R/W
Reference
7-39
Reference
7-39
9-11
7-42
7-43
7-6
Reference
7-39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com