Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 429Page - Renesas Technology Corp 7906 Datasheet HTML 430Page - Renesas Technology Corp 7906 Datasheet HTML 431Page - Renesas Technology Corp 7906 Datasheet HTML 432Page - Renesas Technology Corp 7906 Datasheet HTML 433Page - Renesas Technology Corp 7906 Datasheet HTML 434Page - Renesas Technology Corp 7906 Datasheet HTML 435Page - Renesas Technology Corp 7906 Datasheet HTML 436Page - Renesas Technology Corp 7906 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-28
Appendix 2. Control registers
0
1
2
3
4
5
6
7
s Pulse period/Pulse width measurement mode
Note: Reading from this register must be performed in a unit of 16 bits.
Undefined
15 to 0
The measurement result of pulse period or pulse width is read out.
RO
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
Operating mode select bits
Measurement mode select bits
Count-type select bit
Timer Bi overflow flag (Note)
Count source select bits
b7 b6 b5 b4 b3 b2 b1 b0
1 0 : Pulse period/Pulse width measurement mode
b1 b0
10
0 0 : Pulse period measurement
(Interval between falling edges of measurement pulse)
0 1 : Pulse period measurement
(Interval between rising edges of measurement pulse)
1 0 : Pulse width measurement
(Interval from a falling edge to a rising edge, and from
a rising edge to a falling edge of measurement pulse)
1 1 : Do not select.
b3 b2
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
Note: The timer Bi overflow flag is cleared to “0” when a value is written to the timer Bi mode register with the count start bit = “1.”
This flag cannot be set to “1” by software.
0 : No overflow
1 : Overflowed
0
0
0
0
0
Undefined
0
0
RW
RW
RW
RW
RW
RO
RW
RW
b0
b7
b0
b7
(b15)
(b8)
Bit
Function
At reset
R/W
Bit name
Bit
Function
At reset
R/W
Reference
8-21
Reference
8-21
8-23
8-24
8-7
0 : Counter clear type
1 : Free-run type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com