Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 432Page - Renesas Technology Corp 7906 Datasheet HTML 433Page - Renesas Technology Corp 7906 Datasheet HTML 434Page - Renesas Technology Corp 7906 Datasheet HTML 435Page - Renesas Technology Corp 7906 Datasheet HTML 436Page - Renesas Technology Corp 7906 Datasheet HTML 437Page - Renesas Technology Corp 7906 Datasheet HTML 438Page - Renesas Technology Corp 7906 Datasheet HTML 439Page - Renesas Technology Corp 7906 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-31
APPENDIX
Appendix 2. Control registers
0
1
2
3
4
5
6
7
0
1
7 to 2
RW
(Note)
RW
(Note)
RW
0
0
0
Bit name
Bit
Particular function select register 0 (Address 6216)
Function
At reset
R/W
STP instruction invalidity select bit
External clcok input select bit
Fix these bits to “000000.”
b7 b6 b5 b4 b3 b2 b1 b0
0 : STP instruction is valid.
1 : STP instruction is invalid.
0 : Oscillation circuit is active. (Oscillator is connected.)
Watchdog timer is used at stop mode termination.
1 : Oscillation circuit is inactive. (External clock is
input.)
When the system clock select bit (bit 5 at address BC16) = “0,”
watchdog timer is not used at stop mode termination.
When the system clock select bit = “1,”
watchdog timer is used at stop mode termination.
00
0
00
0
Note: Writing to these bits requires the following procedure:
• Write “5516” to this register. (The bit status does not change only by this writing.)
• Succeedingly, write “0” or “1” to each bit.
Also, use the MOVMB (MOVM when m = 1) instruction or STAB (STA when m = 1) instruction.
If an interrupt occurs between writing of “5516” and next writing of “0” or “1,” latter writing may be ignored. When there is a
possibility that an interrupt occurs at the above timing, be sure to read this bit’s contents after writing of “0” or “1,” and verify
whether “0” or “1” has correctly been written or not.
RW
(Note 2)
RW
(Note 2)
RW
RW
RW
—
RW
—
Notes 1: At power-on reset, this bit becomes “0.” At hardware reset or software reset, this bit retains the value just before reset.
2: Even when “1” is written, the bit status will not change.
3: Setting this bit to “1” must be performed just before execution of the WIT instruction. Also, after the wait state is termi-
nated, this bit must be cleared to “0” immediately.
(Note 1)
(Note 1)
0
0
0
0
0
0
Particular function select register 1 (Address 6316)
b7 b6 b5 b4 b3 b2 b1 b0
Bit name
Bit
Function
At reset
R/W
STP-instruction-execution
status bit
WIT-instruction-execution
status bit
Fix this bit to “0.”
System clock stop select bit
at WIT
(Note 3)
Fix this bit to “0.”
The value is “0” at reading.
Timer B2 clock source select bit
(Valid in event counter mode.)
The value is “0” at reading.
0 : Normal operation.
1 : During execution of STP instruction
0 : Normal operation.
1 : During execution of WIT instruction
0 : External signal input to the TB2IN pin is counted.
1 : fX32 is counted.
0 : In the wait mode, system clock fsys is active.
1 : In the wait mode, system clock fsys is inactive.
Reference
15-4
4-10
15-5
16-4
Reference
15-6
16-5
8-15
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com