Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 440 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 440 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 436Page - Renesas Technology Corp 7906 Datasheet HTML 437Page - Renesas Technology Corp 7906 Datasheet HTML 438Page - Renesas Technology Corp 7906 Datasheet HTML 439Page - Renesas Technology Corp 7906 Datasheet HTML 440Page - Renesas Technology Corp 7906 Datasheet HTML 441Page - Renesas Technology Corp 7906 Datasheet HTML 442Page - Renesas Technology Corp 7906 Datasheet HTML 443Page - Renesas Technology Corp 7906 Datasheet HTML 444Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-35
APPENDIX
Appendix 2. Control registers
2 to 0
3
4
5
6
7
0
1
7 to 2
Bit name
Bit
Function
At reset
R/W
External interrupt input read register (Address 9516)
The value is undefined at reading.
INT3 read out bit
INT4 read out bit
INT5 read out bit
INT6 read out bit
INT7 read out bit
Undefined
Undefined
Undefined
Undefined
Undefined
Undefined
RO
RO
RO
RO
RO
RO
b7 b6 b5 b4 b3 b2 b1 b0
The input level at the corresponding pin is read out.
0 : “L” level
1 : “H” level
Bit name
Bit
Function
At reset
R/W
D-A0 output enable bit
D-A1 output enable bit
Nothing is assigned.
b7 b6 b5 b4 b3 b2 b1 b0
0: Output is disabled.
1: Output is enabled. (Notes 1, 2)
0: Output is disabled.
1: Output is enabled. (Notes 1, 2)
0
0
Undefined
RW
RW
—
D-A control register (Address 9616)
Notes 1: Pin DAi is multiplexed with an analog input pin, external interrupt input pin, and trigger input pin in the pulse output port mode.
When a D-Ai output enable bit = “1” (in other words, output is enabled.), however, the corresponding pin cannot function as
any other multiplexed input/output pin (including a programmable I/O port pin).
2: When not using the D-A converter, be sure to clear this bit to “0.”
0
7 to 0
Bit
D-A register i (i = 0 and 1) (Addresses 9816 and 9916)
Function
At reset
R/W
Any value in the range from 0016 through FF16 can be set (Note), and this
value will be D-A converted and will be output.
RW
b0
b7
Reference
6-18
Reference
13-3
Reference
13-3
Note: When not using the D-A converter, be sure to clear the contents of these bits to “0016.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com