Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 440Page - Renesas Technology Corp 7906 Datasheet HTML 441Page - Renesas Technology Corp 7906 Datasheet HTML 442Page - Renesas Technology Corp 7906 Datasheet HTML 443Page - Renesas Technology Corp 7906 Datasheet HTML 444Page - Renesas Technology Corp 7906 Datasheet HTML 445Page - Renesas Technology Corp 7906 Datasheet HTML 446Page - Renesas Technology Corp 7906 Datasheet HTML 447Page - Renesas Technology Corp 7906 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-39
APPENDIX
Appendix 2. Control registers
Three-phase output data register 0 (Address A816)
s Three-phase waveform mode
10-9
Reference
9-7
Three-phase output data register 0 (Address A816)
b7 b6 b5 b4 b3 b2 b1 b0
X
Reference
X
0
1
2
3
4
5
7, 6
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
Bit name
Bit
Three-phase output data register 0 (Address A816)
Function
At reset
R/W
b7 b6 b5 b4 b3 b2 b1 b0
0 : “L” level output
1 : “H” level output
Note: Invalid in pulse mode 0.
RTP00 pulse output data bit
RTP01 pulse output data bit
RTP02 pulse output data bit
RTP03 pulse output data bit
RTP10 pulse output data bit
(Valid in pulse mode 1.) (Note)
RTP11 pulse output data bit
(Valid in pulse mode 1.) (Note)
Pulse output trigger select bits
0 : “L” level output
1 : “H” level output
0 0 : Underflow of timer A0
0 1 : Falling edge of input signal to pin RTPTRG0
1 0 : Rising edge of input signal to pin RTPTRG0
1 1 : Both falling and rising edges of input signal to
pin RTPTRG0
b7 b6
X: It may be either “0” or “1.”
Note: This bit is invalid in three-phase mode 1.
0 0 : f2
0 1 : f2/2
1 0 : f2/4
1 1 : Do not select.
W-phase output fix bit
V-phase output fix bit
U-phase output fix bit
W-phase output polarity set buffer
(Valid in three-phase mode 0.)
(Note)
Clock-source-of-dead-time-timer
select bits
Bit name
Bit
0
1
2
3
5, 4
6
7
Function
At reset
R/W
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
0 : Released from output fixation
1 : Output fixed
0 : Released from output fixation
1 : Output fixed
0 : Released from output fixation
1 : Output fixed
b7 b6
0 : “H” output
1 : “L” output
s Pulse output port mode
Invalid in the three-phase waveform mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com