Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 441 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 441 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 437Page - Renesas Technology Corp 7906 Datasheet HTML 438Page - Renesas Technology Corp 7906 Datasheet HTML 439Page - Renesas Technology Corp 7906 Datasheet HTML 440Page - Renesas Technology Corp 7906 Datasheet HTML 441Page - Renesas Technology Corp 7906 Datasheet HTML 442Page - Renesas Technology Corp 7906 Datasheet HTML 443Page - Renesas Technology Corp 7906 Datasheet HTML 444Page - Renesas Technology Corp 7906 Datasheet HTML 445Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-36
Appendix 2. Control registers
0
1
2
3
4
5
7, 6
RY/BY status bit
CPU reprogramming mode select bit
The value is “0” at reading.
Flash memory reset bit (Note 3)
The value is “0” at reading.
User ROM area select bit
(Valid in boot mode)
(Note 5)
The value is “0” at reading.
RO
RW
(Notes 1, 2)
—
RW
(Note 4)
—
RW
(Note 2)
—
1
0
0
0
0
0
0
Bit name
Bit
Flash memory control register (Address 9E16)
Function
At reset
R/W
b7 b6 b5 b4 b3 b2 b1 b0
0 : BUSY (Automatic programming or erase operation
is active.)
1 : READY (Automatic programming or erase operation
has been completed.)
0 : Flash memory CPU reprogramming mode is invalid.
1 : Flash memory CPU reprogramming mode is valid.
Notes 1: In order to set this bit to “1,” write “0” followed with “1” successively; while in order to clear this bit “0,” write “0.”
2: Writing to this bit must be performed in an area other than the internal flash memory.
3: This bit is valid when the CPU reprogramming mode select bit (bit 1) = “1”: on the other hand, when the CPU
reprogramming mode select bit = “0,” be sure to fix this bit to “0.” Rewriting of this bit must be performed with the CPU
reprogramming mode select bit = “1.”
4: After writing of “1” to this bit, be sure to confirm the RY/BY status bit (bit 0) becomes “1”; and then, write “0” to this bit.
5: When MD1 = Vss level, this bit is invalid. (It may be either “0” or “1.”)
0 : Access to boot ROM area
1 : Access to user ROM area
Writing “1” into this bit discontinues the access to the
internal flash memory. This causes the built-in flash
memory circuit being reset.
Reference
19-10
19-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com