Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 434Page - Renesas Technology Corp 7906 Datasheet HTML 435Page - Renesas Technology Corp 7906 Datasheet HTML 436Page - Renesas Technology Corp 7906 Datasheet HTML 437Page - Renesas Technology Corp 7906 Datasheet HTML 438Page - Renesas Technology Corp 7906 Datasheet HTML 439Page - Renesas Technology Corp 7906 Datasheet HTML 440Page - Renesas Technology Corp 7906 Datasheet HTML 441Page - Renesas Technology Corp 7906 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-33
APPENDIX
Appendix 2. Control registers
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Notes 1: These bits are valid when the detect enable bit (bit 5) = “1.” Therefore, these bits must be set before or simultaneously with
setting of the detect enable bit to “1.”
2: At power-on reset, each bit becomes “0”; at hardware reset or software reset, each bit retains the value immediately
before reset.
Bit name
Bit
Debug control register 0 (Address 6616)
Function
Detect condition select bits
(Note 1)
Fix these bits to “00.”
Detect enable bit
Fix this bit to “0.”
The value is “1” at reading.
RW
RW
RW
RW
RW
RW
RW
—
b7 b6 b5 b4 b3 b2 b1 b0
0 0 0 : Do not select.
0 0 1 : Address matching detection 0
0 1 0 : Address matching detection 1
0 1 1 : Address matching detection 2
1 0 0 : Do not select.
1 0 1 : Out-of-address-area detection
1 1 0 :
1 1 1 :
b2 b1 b0
0 : Detection disabled.
1 : Detection enabled.
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
1
Do not select.
00 0
At reset
R/W
(Note 1)
(Note 1)
0
0
Undefined
0
0
0
RW
RO
RW
RW
—
RO
RO
—
Bit name
Bit
Debug control register 1 (Address 6716)
Function
At reset
R/W
Fix this bit to “0.”
The value is “0” at reading.
Address compare register
access enable bit (Note 2)
Fix this bit to “1” when using the debug function.
Nothing is assigned.
While a debugger is not used, the value is “0” at reading.
While a debugger is used, the value is “1” at reading.
Address-matching-detection 2
decision bit
(Valid when the address match-
ing detection 2 is selected.)
The value is “0” at reading.
0
0 : Disabled.
1 : Enabled.
0 : Matches with the contents of the address com-
pare register 0.
1 : Matches with the contents of the address com-
pare register 1.
1
Notes 1: At power-on reset, each bit becomes “0”; at hardware reset or software reset, each bit retains the value immediately before reset.
2: Be sure to set this bit to “1” immediately before the access to the address compare registers 0 and 1 (addresses 6816 to
6D16). Then, be sure to clear this bit to “0” immediately after this access.
b7 b6 b5 b4 b3 b2 b1 b0
Address compare register 0 (Addresses 6A16 to 6816)
Address compare register 1 (Addresses 6D16 to 6B16)
Undefined
23 to 0
Bit
Function
At reset
R/W
The address to be detected (in other words, the start address of instructions) is set here.
RW
b0
b7
b7
b0
b7
(b23)
(b8)
(b15)
(b16)
b0
Note: When accessing these registers, be sure to set the address compare register access enable bit (bit 2 at address 6716) to “1”
immediately before this access. Then, be sure to clear this bit to “0” immediately after this access.
Reference
17-3
Reference
17-4
Reference
17-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com