Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 439 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 439 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 435Page - Renesas Technology Corp 7906 Datasheet HTML 436Page - Renesas Technology Corp 7906 Datasheet HTML 437Page - Renesas Technology Corp 7906 Datasheet HTML 438Page - Renesas Technology Corp 7906 Datasheet HTML 439Page - Renesas Technology Corp 7906 Datasheet HTML 440Page - Renesas Technology Corp 7906 Datasheet HTML 441Page - Renesas Technology Corp 7906 Datasheet HTML 442Page - Renesas Technology Corp 7906 Datasheet HTML 443Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-34
Appendix 2. Control registers
0
1
2
3
7 to 4
A-D conversion, UART0 and 1 transmit, UART0 and 1 receive,
timers A0 to A4, timers B0 to B2 interrupt control registers
(Addresses 7016 to 7C16)
Timers A5 to A9 interrupt control registers (Addresses F516 to F916)
b7 b6 b5 b4 b3 b2 b1 b0
Interrupt priority level select bits
Interrupt request bit
Nothing is assigned.
Notes 1: The A-D conversion interrupt request bit is undefined after reset.
2: When writing to this bit, use the MOVM (MOVMB) or STA (STAB, STAD) instruction.
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
0
0
0
0
(Note 1)
Undefined
RW
RW
RW
RW
(Note 2)
—
Bit name
Bit
Function
At reset
R/W
Reference
6-7
Timer Ai
7-9
Timer Bi
8-5
UART0
UART1
11-15
A-D
12-10
0
1
2
3
4
5
7, 6
INT3 to INT7 interrupt control registers (Addresses 6E16, 6F16, FD16, FE16, FF16)
Interrupt priority level select bits
Interrupt request bit (Note 1)
Polarity select bit
Level sense/Edge sense select
bit
Nothing is assigned.
b7 b6 b5 b4 b3 b2 b1 b0
Notes 1: The interrupt request bits of INT3 to INT7 interrupts are invalid when the level sense is selected.
2: When writing to this bit, use the MOVM (MOVMB) or STA (STAB, STAD) instruction.
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
0 : The interrupt request bit is set to “1” at “H” level
when level sense is selected; this bit is set to “1”
at falling edge when edge sense is selected.
1 : The interrupt request bit is set to “1” at “L” level
when level sense is selected; this bit is set to “1”
at rising edge when edge sense is selected.
0 : Edge sense
1 : Level sense
0
0
0
0
0
0
Undefined
RW
RW
RW
RW
(Note 2)
RW
RW
—
Bit name
Bit
Function
At reset
R/W
Reference
6-7
6-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com