Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 430Page - Renesas Technology Corp 7906 Datasheet HTML 431Page - Renesas Technology Corp 7906 Datasheet HTML 432Page - Renesas Technology Corp 7906 Datasheet HTML 433Page - Renesas Technology Corp 7906 Datasheet HTML 434Page - Renesas Technology Corp 7906 Datasheet HTML 435Page - Renesas Technology Corp 7906 Datasheet HTML 436Page - Renesas Technology Corp 7906 Datasheet HTML 437Page - Renesas Technology Corp 7906 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-29
APPENDIX
Appendix 2. Control registers
0
1
2
3
4
5
6
7
Bit name
Bit
Processor mode register 0 (Address 5E16)
Function
At reset
R/W
Processor mode bits
Interrupt priority detection time
select bits
Software reset bit
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Single-chip mode
0 1 : Do not select.
1 0 : Do not select.
1 1 : Do not select.
b1 b0
0 0 : 7 cycles of fsys
0 1 : 4 cycles of fsys
1 0 : 2 cycles of fsys
1 1 : Do not select.
b5 b4
The microcomputer is reset by writing “1” to this
bit. The value is “0” at reading.
0
0
0
1
0
0
0
0
RW
RW
RW
RW
RW
RW
WO
RW
Reference
2-20
6-12
3-3
0X X 0 0
Any of these bits may be either “0” or “1.”
X : It may be either “0” or “1.”
0
1
6 to 2
7
RW
RW
RW
RW
1
0
0
0
Processor mode register 1 (Address 5F16)
Bit name
Bit
Function
At reset
R/W
b7 b6 b5 b4 b3 b2 b1 b0
0 : Only DPR0 is used.
1 : DPR0 through DPR3 are used.
0 : 3
φ
1 : 2
φ
(Note 1)
This bit may be either “0” or “1.”
Direct page register switch bit
Fix these bits to “00000.”
Internal ROM bus cycle select bit
(Note 2)
X : It may be either “0” or “1.”
Notes 1: After reset, this bit is allowed to be changed only once. (During the software execution, be sure not to change this bit’s
content.)
2: To reprogram the internal flash memory by using the CPU reprogramming mode, clear this bit to “0.” (Refer to section
“19.2 Flash memory CPU reprogramming mode.”)
Reference
2-6
2-12
X
0 00 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com