Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 431 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 431 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 427Page - Renesas Technology Corp 7906 Datasheet HTML 428Page - Renesas Technology Corp 7906 Datasheet HTML 429Page - Renesas Technology Corp 7906 Datasheet HTML 430Page - Renesas Technology Corp 7906 Datasheet HTML 431Page - Renesas Technology Corp 7906 Datasheet HTML 432Page - Renesas Technology Corp 7906 Datasheet HTML 433Page - Renesas Technology Corp 7906 Datasheet HTML 434Page - Renesas Technology Corp 7906 Datasheet HTML 435Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-26
Appendix 2. Control registers
0
1
2
3
4
5
6
7
s Timer mode
Operating mode select bits
These bits are invalid in timer mode.
This bit is invalid in timer mode; its value is undefined at reading.
Count source select bits
Undefined
15 to 0 Any value in the range from “000016” to “FFFF16” can be set.
Assuming that the set value = n, the counter divides the count source frequency by (n + 1).
When reading, the register indicates the counter value.
RW
b0
b7
b0
b7
(b15)
(b8)
Timer B0 register (Addresses 5116, 5016)
Timer B1 register (Addresses 5316, 5216)
Timer B2 register (Addresses 5516, 5416)
Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16)
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Timer mode
b1 b0
00
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b7 b6
X : It may be either “0” or “1.”
XX
X
0
0
0
0
0
Undefined
0
0
RW
RW
RW
RW
RW
RO
RW
RW
Note: Reading from or writing to this register must be performed in a unit of 16 bits.
Bit
Function
At reset
R/W
Bit name
Bit
Function
At reset
R/W
Reference
8-9
Reference
8-9
8-7
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com