Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 446 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 446 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 442Page - Renesas Technology Corp 7906 Datasheet HTML 443Page - Renesas Technology Corp 7906 Datasheet HTML 444Page - Renesas Technology Corp 7906 Datasheet HTML 445Page - Renesas Technology Corp 7906 Datasheet HTML 446Page - Renesas Technology Corp 7906 Datasheet HTML 447Page - Renesas Technology Corp 7906 Datasheet HTML 448Page - Renesas Technology Corp 7906 Datasheet HTML 449Page - Renesas Technology Corp 7906 Datasheet HTML 450Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 446 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-41
APPENDIX
Appendix 2. Control registers
Note: This register is valid only in the three-phase mode.
Bit name
Bit
0
1
2
3
7 to 4
Position-data-retain function control register (Address AA16)
Function
At reset
R/W
W-phase position data retain bit
V-phase position data retain bit
U-phase position data retain bit
Retain-trigger polarity select
bit
Nothing is assigned.
b7 b6 b5 b4 b3 b2 b1 b0
0
0
0
0
Undefined
RO
RO
RO
RW
—
Input level at pin IDW is read out.
0 : “L” level
1 : “H” level
Input level at pin IDV is read out.
0 : “L” level
1 : “H” level
Input level at pin IDU is read out.
0 : “L” level
1 : “H” level
0 : Falling edge of positive phase
1 : Rising edge of positive phase
Reference
10-12
Serial I/O pin control register (Address AC16)
b7 b6 b5 b4 b3 b2 b1 b0
0
1
2
3
7 to 4
CTS0/RTS0 separate select bit
(Note)
CTS1/RTS1 separate select bit
(Note)
TxD0/P13 switch bit
TxD1/P17 switch bit
The value is “0000” at reading.
0 : CTS0/RTS0 are used together.
1 : CTS0/RTS0 are separated.
0 : Functions as TxD1.
1 : Functions as P17.
RW
RW
RW
RW
—
Bit name
Bit
Function
At reset
R/W
0 : CTS1/RTS1 are used together.
1 : CTS1/RTS1 are separated.
0 : Functions as TxD0.
1 : Functions as P13.
0
0
0
0
0
Reference
11-17
Note: Valid when the CTS/RTS enable bit (bit 4 at addresses 3416 and 3C16) is “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com