Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 444Page - Renesas Technology Corp 7906 Datasheet HTML 445Page - Renesas Technology Corp 7906 Datasheet HTML 446Page - Renesas Technology Corp 7906 Datasheet HTML 447Page - Renesas Technology Corp 7906 Datasheet HTML 448Page - Renesas Technology Corp 7906 Datasheet HTML 449Page - Renesas Technology Corp 7906 Datasheet HTML 450Page - Renesas Technology Corp 7906 Datasheet HTML 451Page - Renesas Technology Corp 7906 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-43
APPENDIX
Appendix 2. Control registers
Timer A01 register (Addresses D116, D016)
Timer A11 register (Addresses D316, D216)
Timer A21 register (Addresses D516, D416)
b0
b7
b0
b7
(b15)
(b8)
Reference
10-13
Undefined
15 to 0
Bit
Function
At reset
R/W
Any value in the range from 000016 to FFFF16 can be set.
Assuming that the set value = n, the “H” level width of the one-shot pulse is expressed
as follows: n/fi.
WO
fi: Frequency of a count source
Notes 1: Use the MOVM or STA (STAD) instruction for writing to this register. Additionally, make sure writing to this register
must be performed in a unit of 16 bits.
2: This register is valid only in three-phase mode 1 of the three-phase waveform mode.
Bit name
Bit
0
1
2
3
4
7 to 5
Comparator function select register 0 (Address DC16)
Function
At reset
R/W
AN0 pin comparator function select bit
AN1 pin comparator function select bit
AN2 pin comparator function select bit
AN3 pin comparator function select bit
AN4 pin comparator function select bit
Fix these bits to “000.”
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 : The comparator function is not selected.
1 : The comparator function is selected.
00 0
Note: Writing to comparator function select register 0 must be performed while the A-D converter halts.
Bit name
Bit
0
1
2
3
4
7 to 5
Comparator result register 0 (Address DE16)
Function
At reset
R/W
AN0 pin comparator result bit
AN1 pin comparator result bit
AN2 pin comparator result bit
AN3 pin comparator result bit
AN4 pin comparator result bit
Fix these bits to “000.”
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 : The set value > The input level at pin ANi
1 : The set value < The input level at pin ANi
00 0
Note: Writing to comparator result register 0 must be performed while the A-D converter halts.
Reference
12-9
Reference
12-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com