Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 447 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 447 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 443Page - Renesas Technology Corp 7906 Datasheet HTML 444Page - Renesas Technology Corp 7906 Datasheet HTML 445Page - Renesas Technology Corp 7906 Datasheet HTML 446Page - Renesas Technology Corp 7906 Datasheet HTML 447Page - Renesas Technology Corp 7906 Datasheet HTML 448Page - Renesas Technology Corp 7906 Datasheet HTML 449Page - Renesas Technology Corp 7906 Datasheet HTML 450Page - Renesas Technology Corp 7906 Datasheet HTML 451Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-42
Appendix 2. Control registers
0
1
2
3
4
5
6
7
1
1
1
0
1
0
0
0
Clock control register 0 (Address BC16)
Bit name
Bit
Function
At reset
R/W
Fix this bit to “1.”
PLL circuit operation enable bit
(Note 1)
PLL multiplication ratio select bits
(Note 2)
Fix this bit to “1.”
System clock select bit
(Note 3)
Peripheral device’s clock select bit 0
Peripheral device’s clock select bit 1
b7 b6 b5 b4 b3 b2 b1 b0
0 : PLL frequency multiplier is inactive, and pin VCONT
is invalid. (Floating)
1 : PLL frequency multiplier is active, and pin VCONT is valid.
0 0 : Do not select.
0 1 : ✕ 2
1 0 : ✕ 3
1 1 : ✕ 4
b3 b2
See Table 4.2.2.
0 : fXIN
1 : fPLL
1
1
RW
RW
RW
RW
RW
RW
RW
RW
Reference
4-6
4-7
Notes 1: Clear this bit to “0” if the PLL frequency multiplier needs not to be active.
In the stop and flash memory parallel I/O modes, the PLL frequency multiplier is inactive and pin VCONT is invalid regard-
less of the contents of this bit.
2: Rewriting of these bits must be performed simultaneously with clearance of the system clock select bit (bit 5) to “0.”
Then, set bit 5 to “1” 2 ms after the rewriting of these bits. (After reset, these bits are allowed to be changed only once.)
3: Clearance of the PLL circuit operation enable bit (bit 1) to “0” clears the system clock select bit to “0.” Also, while the PLL
circuit operation enable bit = “0,” nothing can be written to the system clock select bit. (Fixed to be “0.”)
Before setting of the system clock select bit to “1” after reset, it is necessary to insert an interval of 2 ms after the
stabilization of f(XIN).
Port P2 pin function control register (Address AE16)
0
1
2
3
6 to 4
7
Bit name
Bit
Function
At reset
R/W
Pin TB0IN select bit
Pin TB1IN select bit
Pin TB2IN select bit
Pin INT3/RTPTRG0 select bit
(Note)
Nothing is assigned.
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 : Allocate pin TB2IN to P57.
1 : Allocate pin TB2IN to P26.
0: Allocate pin INT3/RTPTRG0 to P74.
1: Allocate pin INT3/RTPTRG0 to P27.
0 : Allocate pin TB0IN to P55.
1 : Allocate pin TB0IN to P24.
0 : Allocate pin TB1IN to P56.
1 : Allocate pin TB1IN to P25.
0
0
0
0
Undefined
0
RW
RW
RW
RW
—
RW
Reference
6-18
8-6
9-9
Note: When allocating pin INT3/RTPTRG0 to P74, be sure the D-A1 output enable bit (bit 1 at address 9616) = “0” (output disabled).
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com