Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 445Page - Renesas Technology Corp 7906 Datasheet HTML 446Page - Renesas Technology Corp 7906 Datasheet HTML 447Page - Renesas Technology Corp 7906 Datasheet HTML 448Page - Renesas Technology Corp 7906 Datasheet HTML 449Page - Renesas Technology Corp 7906 Datasheet HTML 450Page - Renesas Technology Corp 7906 Datasheet HTML 451Page - Renesas Technology Corp 7906 Datasheet HTML 452Page - Renesas Technology Corp 7906 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 531 page
background image
APPENDIX
Appendix 3. Package outline
7906 Group User’s Manual Rev.2.0
20-44
Appendix 3. Package outline
SSOP42-P-450-0.80
Weight(g)
––
JEDEC Code
EIAJ Package Code
Lead Material
Cu Alloy+42 Alloy
42P2R-E
Plastic 42pin 450mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
–
–
.25
0
.05
0
.13
0
.3
17
.2
8
–
.63
11
.3
0
–
–
–
.27
1
–
–
.0
2
.3
0
.15
0
.5
17
.4
8
.8
0
.93
11
.5
0
.765
1
–
.43
11
–
.4
2
–
–
.4
0
.2
0
.7
17
.6
8
–
.23
12
.7
0
–
.15
0
–
b2
–
.5
0
–
–
0
°
–
10
°
e
e1
e
b2
Recommended Mount Pad
–
–
Z1
0.75
–
–
0.9
z
42
22
21
1
e
y
F
A
A2
A1
c
Detail F
G
b
D
Detail G
z
Z1
SDIP42-P-600-1.78
Weight(g)
–
JEDEC Code
4.1
EIAJ Package Code
Lead Material
Alloy 42/Cu Alloy
42P4B
Plastic 42pin 600mil SDIP
Symbol
Min
Nom
Max
A
A2
b
b1
b2
c
E
D
L
Dimension in Millimeters
A1
0.51
––
–
3.8
–
0.35
0.45
0.55
0.9
1.0
1.3
0.63
0.73
1.03
0.22
0.27
0.34
36.5
36.7
36.9
12.85
13.0
13.15
–
1.778
–
–
15.24
–
3.0
––
0
°
–
15
°
––
5.5
e
e1
42
22
21
1
b
b1
b2
e
SEATING PLANE
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com