Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 421 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 421 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 417Page - Renesas Technology Corp 7906 Datasheet HTML 418Page - Renesas Technology Corp 7906 Datasheet HTML 419Page - Renesas Technology Corp 7906 Datasheet HTML 420Page - Renesas Technology Corp 7906 Datasheet HTML 421Page - Renesas Technology Corp 7906 Datasheet HTML 422Page - Renesas Technology Corp 7906 Datasheet HTML 423Page - Renesas Technology Corp 7906 Datasheet HTML 424Page - Renesas Technology Corp 7906 Datasheet HTML 425Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-16
Appendix 2. Control registers
UART0 transmit/receive control register 0 (Address 3416)
UART1 transmit/receive control register 0 (Address 3C16)
0
1
2
3
4
5
6
7
BRG count source select bits
CTS/RTS function select bit
(Note 1)
Transmit register empty flag
CTS/RTS enable bit
UARTi receive interrupt mode
select bit
CLK polarity select bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note 2)
Transfer format select bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note 2)
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Clock f2
0 1 : Clock f16
1 0 : Clock f64
1 1 : Clock f512
0 : The CTS function is selected.
1 : The RTS function is selected.
0 : Data is present in the transmit register.
(Transmission is in progress.)
1 : No data is present in the transmit register.
(Transmission is completed.)
0 : The CTS/RTS function is enabled.
1 : The CTS/RTS function is disabled.
0 : Reception interrupt
1 : Reception error interrupt
0 : At the falling edge of the transfer clock, transmit
data is output; at the rising edge of the transfer
clock, receive data is input.
When not in transferring, pin CLKi’s level is “H.”
1 : At the falling edge of the transfer clock, transmit
data is output; at the falling edge of the transfer
clock, receive data is input.
When not in transferring, pin CLKi’s level is “L.”
0 : LSB (Least Significant Bit) first
1 : MSB (Most Significant Bit) first
b1 b0
Notes 1: Valid when the CTS/RTS enable bit (bit 4) is “0” and CTSi/RTSi separate select bit (bit 0 or 1 at address AC16) is “0.”
2: Fix these bits to “0” in the UART mode or when serial I/O is disabled.
0
0
0
1
0
0
0
0
RW
RW
RW
RO
RW
RW
RW
RW
Bit name
Bit
Function
At reset
R/W
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
0
1
2
3
4
5
6
7
Transmit enable bit
Transmit buffer empty flag
Receive enable bit
Receive complete flag
Overrun error flag
Framing error flag
(Note)
(Valid in UART mode)
Parity error flag
(Note)
(Valid in UART mode)
Error sum flag
(Note)
(Valid in UART mode)
b7 b6 b5 b4 b3 b2 b1 b0
0 : Reception disabled
1 : Reception enabled
0 : No data is present in the receive buffer register.
1 : Data is present in the receive buffer register.
Note: Bits 5 to 7 are invalid in the clock synchronous serial I/O mode.
0 : Transmission disabled
1 : Transmission enabled
0 : Data is present in the transmit buffer register.
1 : No data is present in the transmit buffer register.
0 : No parity error
1 : Parity error detected
0 : No error
1 : Error detected
0 : No overrun error
1 : Overrun error detected
0 : No framing error
1 : Framing error detected
0
1
0
0
0
0
0
0
RW
RO
RW
RO
RO
RO
RO
RO
Bit name
Bit
Function
At reset
R/W
Reference
11-7
Reference
11-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com