Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 415 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 415 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 411Page - Renesas Technology Corp 7906 Datasheet HTML 412Page - Renesas Technology Corp 7906 Datasheet HTML 413Page - Renesas Technology Corp 7906 Datasheet HTML 414Page - Renesas Technology Corp 7906 Datasheet HTML 415Page - Renesas Technology Corp 7906 Datasheet HTML 416Page - Renesas Technology Corp 7906 Datasheet HTML 417Page - Renesas Technology Corp 7906 Datasheet HTML 418Page - Renesas Technology Corp 7906 Datasheet HTML 419Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 531 page
background image
7906 Group User’s Manual Rev.2.0
APPENDIX
20-10
Appendix 2. Control registers
Appendix 2. Control registers
The control registers allocated in the SFR area are shown on the following pages.
Below is the structure diagram for all registers.
XXX register (address XX16)
0
1
2
3
4
5
6
7
• • • select bit
• • • select bit
• • • flag
Fix this bit to “0.”
This bit is invalid in … mode.
Nothing is assigned.
The value is “0” at reading.
b7 b6 b5 b4 b3 b2 b1 b0
0 : …
1 : …
0 : …
1 : …
The value is “0” at reading.
0
X
0 0 : …
0 1 : …
1 0 : …
1 1 : …
b2 b1
✽1
✽2
✽3
✽5
Undefined
0
0
0
0
0
Undefined
0
✽6
WO
RW
RW
RO
RW
RW
–
–
✽1
Blank
: Set to “0” or “1” according to the usage.
0
: Set to “0” at writing.
1
: Set to “1” at writing.
✕
: Invalid depending on the mode or state. It may be “0” or “1.”
: Nothing is assigned.
✽2
0: “0” immediately after reset.
1: “1” immediately after reset.
Undefined
: Undefined immediately after reset.
✽3
RW
: It is possible to read the bit state at reading. The written value becomes valid.
RO
: It is possible to read the bit state at reading. The written value becomes invalid. Accordingly, the written
value may be “0” or “1.”
WO
: The written value becomes valid. It is impossible to read the bit state. The value is undefined at reading.
However, when [“0” at reading”] is indicated in the “Function” or “Note” column, the bit is always “0” at
reading. (See ✽5 above.)
—
: It is impossible to read the bit state. The value is undefined at reading.
However, when [“0” at reading”] is indicated in the “Function” or “Note” column, the bit is always “0” at
reading. (See ✽6 above.)
The written value becomes invalid. Accordingly, the written value may be “0” or “1.”
✽4
Reference page for each bit.
Bit name
Bit
Function
At reset
R/W
✽4
Reference
3-10
3-11
2-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com