Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 408Page - Renesas Technology Corp 7906 Datasheet HTML 409Page - Renesas Technology Corp 7906 Datasheet HTML 410Page - Renesas Technology Corp 7906 Datasheet HTML 411Page - Renesas Technology Corp 7906 Datasheet HTML 412Page - Renesas Technology Corp 7906 Datasheet HTML 413Page - Renesas Technology Corp 7906 Datasheet HTML 414Page - Renesas Technology Corp 7906 Datasheet HTML 415Page - Renesas Technology Corp 7906 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-7
APPENDIX
Appendix 1. Memory assigment in SFR area
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
RW
RO
WO
Access characteristics
0
1
?
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after
reset.
: Always “0” at reading.
: Always “1” at reading.
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
0
?
1
State immediately after reset
0
A0 16
A1 16
A2 16
A3 16
A4 16
A5 16
A6 16
A7 16
A8 16
A9 16
B0 16
B1 16
B2 16
B3 16
B4 16
B5 16
B6 16
B7 16
B8 16
B9 16
BA 16
BB 16
BC16
BD16
BE 16
BF 16
AB 16
AC16
AD16
AE 16
AF 16
AA 16
b7
b0
b7
b0
Three-phase output data register 1
Serial I/O pin control register
Clock control register 0
Notes 17 : Do not write to this register.
18 : After reset, these bits are allowed to be changed only once.
Register name
Address
Access characteristics
State immediately after reset
Port P2 pin function control register
Position-data-retain function control register
Three-phase output data register 0
Dead-time timer
Waveform output mode register
0
00
0
1
0
1
0
?
?
00
00
0
0
0
?
RW
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
RW
RW
RW
RW
?
?
?
?
?
?
1
0
00
1
?
(Note 17)
RW
RW
RW
RW
0
00
0
RO
RW RO RO
0016
0016
0016
??
?
RW
WO
RW
RW
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
RW RW RW (Note 18) RW RW
(Note 17)
(Note 17)
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com