Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 511 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 511 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 507Page - Renesas Technology Corp 7906 Datasheet HTML 508Page - Renesas Technology Corp 7906 Datasheet HTML 509Page - Renesas Technology Corp 7906 Datasheet HTML 510Page - Renesas Technology Corp 7906 Datasheet HTML 511Page - Renesas Technology Corp 7906 Datasheet HTML 512Page - Renesas Technology Corp 7906 Datasheet HTML 513Page - Renesas Technology Corp 7906 Datasheet HTML 514Page - Renesas Technology Corp 7906 Datasheet HTML 515Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 531 page
background image
APPENDIX
Appendix 8. 7906 Group Q & A
7906 Group User’s Manual Rev.2.0
20-106
Q
After execution of the SEI instruction, a branch is made in an interrupt routin.
Why did this occur?
A
•
•
•
•
SEI
LDAB A, #00H
•
•
•
•
CLI
Interrupt routine
•
•
•
•
RTI
•
•
•
•
SEI
LDAB A, #00H
•
•
•
•
CLI
Interrupt routine
•
•
•
•
RTI
← Interrupt request
generated
a
When an interrupt request is generated before the SEI instruction is executed, this interrupt request
may be accepted immediately before the execution of the SEI instruction. (This acceptance occurs
depending on the timing when that interrupt request occurs.) In this case, a branch to the interrupt
routine is made immediately after execution of the SEI instruction.
Accordingly, the interrupt routine which is executed immediately after the SEI instruction is due to an
interrupt request generated before execution of the SEI instruction. Note that, in the routine ( a ) which
should not accept the interrupt request, the following occur. (This routine follows the SEI instruction.):
• No interrupt request is accepted.
• No branch to the interrupt routine is made.
Note: “Interrupt” described here means “maskable interrupt” which can be disabled by the SEI instruction.
(Refer to section “6.2 Interruput source.”)
Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com