Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 511Page - Renesas Technology Corp 7906 Datasheet HTML 512Page - Renesas Technology Corp 7906 Datasheet HTML 513Page - Renesas Technology Corp 7906 Datasheet HTML 514Page - Renesas Technology Corp 7906 Datasheet HTML 515Page - Renesas Technology Corp 7906 Datasheet HTML 516Page - Renesas Technology Corp 7906 Datasheet HTML 517Page - Renesas Technology Corp 7906 Datasheet HTML 518Page - Renesas Technology Corp 7906 Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 531 page
background image
APPENDIX
7906 Group User’s Manual Rev.2.0
20-110
Appendix 9. M37906M4C-XXXFP electrical characteristics
Output-only pins are open,
and the other pins are con-
nected to Vss or Vcc. An
external square-waveform
clock is input. (Pin XOUT is
open.) The PLL frequency
multiplier is inactive.
Unit
V
V
V
V
V
µA
µA
V
mA
µA
f(fsys) = 20 MHz.
CPU is active.
Ta = 25 °C when
clock is inactive.
Ta = 85 °C when
clock is inactive.
Test conditions
IOH = –10 mA
IOL = 10 mA
VI = 5.0 V
VI = 0 V
When clock is inactive.
Parameter
High-level output voltage P10–P17, P20–P27,
P55–P57, P60–P65,
P70–P74
Low-level output voltage P10–P17, P20–P27,
P55–P57, P60–P65,
P70–P74
Hysteresis
TA0IN–TA2IN, TA4IN, TA9IN,
TA0OUT–TA2OUT, TA4OUT, TA9OUT,
TB0IN–TB2IN, INT3–INT7, CTS0,
CTS1, CLK0, CLK1, RxD0, RxD1,
RTPTRG0, P6OUTCUT
Hysteresis RESET
Hysteresis XIN
High-level input current P10–P17, P20–P27,
P50–P57, P60–P65,
P70–P74, P6OUTCUT, XIN,
RESET, MD0, MD1
Low-level input current P10–P17, P20–P27,
P50–P57, P60–P65,
P70–P74, P6OUTCUT, XIN,
RESET, MD0, MD1
RAM hold voltage
Power source current
Symbol
VOH
VOL
VT+ —VT–
VT+ —VT–
VT+ —VT–
IIH
IIL
VRAM
ICC
DC ELECTRICAL CHARACTERISTICS (Vcc = 5 V, Vss = 0 V, Ta = –20 to 85 °C, f(fsys) = 20 MHz, unless otherwise noted)
Min.
3
0.4
0.5
0.1
2
Limits
Typ.
25
Max.
2
1
1.5
0.3
5
–5
50
1
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com