Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 512Page - Renesas Technology Corp 7906 Datasheet HTML 513Page - Renesas Technology Corp 7906 Datasheet HTML 514Page - Renesas Technology Corp 7906 Datasheet HTML 515Page - Renesas Technology Corp 7906 Datasheet HTML 516Page - Renesas Technology Corp 7906 Datasheet HTML 517Page - Renesas Technology Corp 7906 Datasheet HTML 518Page - Renesas Technology Corp 7906 Datasheet HTML 519Page - Renesas Technology Corp 7906 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 531 page
background image
7906 Group User’s Manual Rev.2.0
20-111
APPENDIX
Appendix 9. M37906M4C-XXXFP electrical characteristics
Resolution
Absolute accuracy
Ladder resistance
Conversion time
Reference voltage
Analog input voltage
—————
—————
RLADDER
tCONV
VREF
VIA
VREF = VCC
VREF = VCC
VREF = VCC
f(fsys)
≤ 20 MHz
Max.
A-D CONVERTER CHARACTERISTICS
(VCC = AVCC = 5 V ± 0.5 V, VSS = AVSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
Unit
Parameter
Symbol
Test conditions
Limits
Min.
10-bit resolution mode
8-bit resolution mode
Comparater
10-bit resolution mode
8-bit resolution mode
Comparater
5
5.9
2.45 (Note)
0.7 (Note)
2.7
0
10
± 3
± 2
± 40
VCC
VREF
Bits
V
LSB
LSB
mV
k
Ω
µs
V
V
Note: This is applied when A-D conversion freguency (
φAD) = f1 (φ).
D-A CONVERTER CHARACTERISTICS
(VCC = 5 V, VSS = AVSS = 0 V, VREF = 5 V, Ta = –20 to 85 °C, unless otherwise noted)
Unit
Parameter
Symbol
Limits
Typ.
Min.
Max.
Test conditions
Resolution
Absolute accuracy
Set time
Output resistance
Reference power source input current
——
——
tsu
RO
IVREF
(Note)
2
3.5
8
± 1.0
3
4.5
3.2
Bits
%
µs
k
Ω
mA
Note: The test conditions are as follows:
• One D-A converter is used.
• The D-A register value of the unused D-A converter is “0016.”
• The reference power source input current for the ladder resistance of the A-D converter is excluded.
µs
RESET input low-level pulse width
tw(RESETL)
Symbol
Parameter
Min.
Limits
Unit
RESET INPUT
Reset input timing requirements (VCC = 5 V ± 0.5 V, VSS = 0V, Ta = –20 to 85 °C, unless otherwise noted)
10
Max.
Typ.
RESET input
tw(RESETL)
A-D converter
Comparator
256
1
VREF
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com