Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 232 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 232 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 228Page - Renesas Technology Corp 7906 Datasheet HTML 229Page - Renesas Technology Corp 7906 Datasheet HTML 230Page - Renesas Technology Corp 7906 Datasheet HTML 231Page - Renesas Technology Corp 7906 Datasheet HTML 232Page - Renesas Technology Corp 7906 Datasheet HTML 233Page - Renesas Technology Corp 7906 Datasheet HTML 234Page - Renesas Technology Corp 7906 Datasheet HTML 235Page - Renesas Technology Corp 7906 Datasheet HTML 236Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-27
10.4 Three-phase mode 1
Fig. 10.4.1 Initial setting example for registers relevant to three-phase mode 1 (1)
Timers A0 through A3 are inactive.
b7
b0
Count start register 0
(address 4016)
0 0
0 0
Stops counting in timer A0.
Stops counting in timer A1.
Stops counting in timer A2.
Stops counting in timer A3.
Continues to the next page.
Note: The contents of the three-phase output polarity set buffer
are reversed once before the output level is stabilized.
Therefore, at this time, be sure to set the reversed level of
the level which the user desires to output.
b7
b0
Setting of dead-time timer
Dead-time timer
(address A716)
A value in the range from “0016” to “FF16”
is set.
b7
b0
Setting of waveform output mode register
Waveform output mode register
(address A616)
0
0
1
✕
0
Dead-time timer trigger
select bit
Falling edge of one-shot
pulse
Waveform output is disabled.
Three-phase mode 1
1
Three-phase output polarity
set buffer (Note)
0 : “H” output
1 : “L” output
✕ : It may be either “0” or “1.”
1
b7
b0
Setting of three-phase output data register 0, 1
Three-phase output data register 0
(address A816)
Interrupt request interval set bit
0 : Every second time
1 : Every forth time
Clock-source-of-dead-time-timer
select bits
0 0 : f2
0 1 : f2/2
1 0 : f2/4
b7 b6
Interrupt validity output select bit
0 : At each even-numbered
underflow of timer A3
1 : At each odd-numbered
underflow of timer A3
Released from W-phase output
fixation.
Released from V-phase output
fixation.
Released from U-phase output
fixation.
✕
b7
b0
✕
✕
✕
Three-phase output data register 1
(address A916)
✕ : It may be either “0” or “1.”
✕
✕
✕
b7
b0
Setting of timers A0 through A2 to one-shot pulse mode
Timer A0/A1/A2 mode register
(addresses 5616 to 5816)
1
11
0
0
Count source select bits
(See Table 7.2.3.)
Setting of timer A3 to timer mode
Timer A3 mode register
(address 5916)
b7
b0
0
0
0 0
0
0
0
b7
b0
Setting of timer A0/A1/A2/A3 interrupt request to “disabled”
Timer A0/A1/A2/A3 interrupt
control register
(addresses 7516 to 7816)
0 0
0
0
No Interrupt request
Interrupt disabled
Setting of timer A3 carrier wave’s period
b7
b0
A value in the range from “000016” to
“FFFF16” is set.
b7
(b8)
(b15)
b0
Setting of output width of each phase of timers A0
through A2
b7
b0
A value in the range from “000016” to
“FFFF16” is set.
b7
(b8)
(b15)
b0
Timer A3 register
(addresses 4D16, 4C16)
Timer A0 register
(addresses 4716, 4616)
Timer A1 register
(addresses 4916, 4816)
Timer A2 register
(addresses 4B16, 4A16)
Timer A01 register
(addresses D116, D016)
Timer A11 register
(addresses D316, D216)
Timer A21 register
(addresses D516, D416)
Internal output for stabilization of output level
b7
b0
Count start register 0
(address 4016)
1
Starts counting in timer A0.
Starts counting in timer A1.
Starts counting in timer A2.
Starts counting in timer A3.
111
✕
✕
Count source select bits
(See Table 7.2.3.)
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com