Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 229Page - Renesas Technology Corp 7906 Datasheet HTML 230Page - Renesas Technology Corp 7906 Datasheet HTML 231Page - Renesas Technology Corp 7906 Datasheet HTML 232Page - Renesas Technology Corp 7906 Datasheet HTML 233Page - Renesas Technology Corp 7906 Datasheet HTML 234Page - Renesas Technology Corp 7906 Datasheet HTML 235Page - Renesas Technology Corp 7906 Datasheet HTML 236Page - Renesas Technology Corp 7906 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-28
10.4 Three-phase mode 1
Fig. 10.4.2 Initial setting example for registers relevant to three-phase mode 1 (2)
Three-phase waveform output starts.
Continued from the preceding page.
b7
b0
Setting of timer A3 interrupt priority level
0
No interrupt request
Timer A3 interrupt control
register (address 7816)
Timer A3 interrupt priority level
Set to one of levels 1 through 7.
Check whether the timer Ai interrupt request bit is “1” or not.
(Note that the first one-shot pulse width of timer Ai must be
the maximum among those of timers A0 through A2.)
❈ The output level is stabilized.
b7
b0
Three-phase waveform output is enabled.
Waveform output mode register
(address A616)
1
Three-phase waveform output
is enabled.
Waiting for the dead time, which
was previously set, to elapse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com