Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 231Page - Renesas Technology Corp 7906 Datasheet HTML 232Page - Renesas Technology Corp 7906 Datasheet HTML 233Page - Renesas Technology Corp 7906 Datasheet HTML 234Page - Renesas Technology Corp 7906 Datasheet HTML 235Page - Renesas Technology Corp 7906 Datasheet HTML 236Page - Renesas Technology Corp 7906 Datasheet HTML 237Page - Renesas Technology Corp 7906 Datasheet HTML 238Page - Renesas Technology Corp 7906 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-30
10.4 Three-phase mode 1
10.4.2 Operation in three-phase mode 1
Figure 10.4.4 shows a triangular wave modulation output example (three-phase mode 1).
➀ When an underflow occurs in the timer A3 counter, a timer A3 interrupt request is generated;
simultaneously, the one-shot pulse outputs of timers A0 through A2 are started. Also, the contents
of the three-phase output polarity set buffer are transferred to the output polarity set toggle flip-flop,
and then, the contents of the three-phase output polarity set buffer are reversed.
➁ The contents of the output polarity set toggle flip-flop are reversed at each falling edge of the one-
shot pulse output of timer A0/A1/A2. Simultaneously, the one-shot pulse of the dead-time timer is
output.
➂ Each of the positive and negative waveform outputs is not allowed to become “L” level from “H” level
until the reversed signal of the one-shot pulse output of the dead-time timer rises.
Repeat procedures from ➀ through ➂ for the three-phase waveform output control.
In the case of three-phase mode 1, the value of timer Ai ( i = 0 through 2) and the value of timer Ai1 are
counted alternately. Immediately after the count start in timer Ai, however, the value of the timer Ai register
is counted twice in succession. (It is a limitation to the case immediately after the count start in timer Ai.)
At this time, the timer Ai’s one-shot pulse becomes the same length twice in succession, also. Figure
10.4.5 shows an output example at start of three-phase mode 1.
For the triangular wave modulation output model (for one period), see Figure 10.3.6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com