Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 234Page - Renesas Technology Corp 7906 Datasheet HTML 235Page - Renesas Technology Corp 7906 Datasheet HTML 236Page - Renesas Technology Corp 7906 Datasheet HTML 237Page - Renesas Technology Corp 7906 Datasheet HTML 238Page - Renesas Technology Corp 7906 Datasheet HTML 239Page - Renesas Technology Corp 7906 Datasheet HTML 240Page - Renesas Technology Corp 7906 Datasheet HTML 241Page - Renesas Technology Corp 7906 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-33
10.5 Three-phase waveform output fixation
10.5 Three-phase waveform output fixation
In the three-phase waveform output, by setting of the U/V/W-phase output fix bit (bits 2 through 0 at address
A816) to “1,” the output level of each phase can be fixed. The output level to be fixed (positive phase) is set
by the U/V/W-phase fixed output’s polarity set bit (bits 2 through 0 at address A916); in the case of the
negative phase, the output level is fixed to the reversed level.
The U/V/W-phase output fix bit serves synchronously with a timer A3 interrupt request.
While the fixed level is output, be sure not to change the value of the U/V/W-phase fixed output’s polarity
set bit (bits 2 through 0 at address A916).
Figure 10.5.1 shows a triangular wave modulation output example using the U/V/W-phase output fix bit
(three-phase mode 1).
➀ By software, set the following bits:
• the U/V/W-phase output fix bit (bits 2 through 0 at address A816)
• the U/V/W-phase fixed output’s polarity set bit (bits 2 through 0 at address A916)
➁ The contents of the above bits become valid synchronously with the next timer A3 interrupt request, and
then, the output level of the positive waveform is fixed to the level which was set by the U/V/W-phase
fixed output’s polarity set bit. In the case of the negative phase, the output level is fixed to the reversed
level.
➂ Each of the positive and negative waveform outputs is not allowed to become “L” level from “H” level
until the reversed signal of the one-shot pulse output of the dead-time timer rises.
➃ The output fixation is also terminated synchronous with a timer A3 interrupt request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com