Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 235Page - Renesas Technology Corp 7906 Datasheet HTML 236Page - Renesas Technology Corp 7906 Datasheet HTML 237Page - Renesas Technology Corp 7906 Datasheet HTML 238Page - Renesas Technology Corp 7906 Datasheet HTML 239Page - Renesas Technology Corp 7906 Datasheet HTML 240Page - Renesas Technology Corp 7906 Datasheet HTML 241Page - Renesas Technology Corp 7906 Datasheet HTML 242Page - Renesas Technology Corp 7906 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-34
10.5 Three-phase waveform output fixation
Fig. 10.5.1 Triangular wave modulation output example using U/V/W-phase output fix bit (three-phase mode 1)
➂
Rever-
sed
Rever-
sed
Carrier wave
Timer A3 interrupt request
Timer A3 underflow signal ❈2
Contents of timer A0/A1/A2
register
One-shot pulse output of
timer A0/A1/A2
❈2
Contents of three-phase
output polarity set buffer
Contents of output polarity
set toggle flip-flop
❈2
Reversed signal of pulse
output of dead-time timer
❈2
Positive waveform output
Negative waveform output
n1
n3
n5
n7
❈1
❈1
❈1
❈1
1/fi
✕ n1
1/fi ✕ n3
1/fi
✕ n7
Trans-
ferred
Trans-
ferred
Rever-
sed
Rever-
sed
❈1 : Written by software
❈2 : This is an internal signal, which cannot be read from the external.
fi : Count source of timer A0/A1/A2
This applies under the following conditions:
• Timer A3 interrupt request: every second time
• Timer A3 interrupt validity output: every even-numbered underflow in time A3
Contents of timer A01/A11/A21
register
n2
n4
n6
n8
n9
n10
1/fi
✕ n2
1/fi
✕ n6
Transferred
Rever-
sed
Rever-
sed
Rever-
sed
Rever-
sed
Rever-
sed
Rever-
sed
Rever-
sed
Rever-
sed
1/fi
✕ n4
1/fi
✕ n5
➁
➀➃
U/V/W-phase output fix bit
U/V/W-phase fixed output’s
polarity set bit
❈1
❈1
❈1
Trans-
ferred
Trans-
ferred
❈1
❈1
❈1
❈1
Rever-
sed
Transferred
Rever-
sed
Transferred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com