Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 236Page - Renesas Technology Corp 7906 Datasheet HTML 237Page - Renesas Technology Corp 7906 Datasheet HTML 238Page - Renesas Technology Corp 7906 Datasheet HTML 239Page - Renesas Technology Corp 7906 Datasheet HTML 240Page - Renesas Technology Corp 7906 Datasheet HTML 241Page - Renesas Technology Corp 7906 Datasheet HTML 242Page - Renesas Technology Corp 7906 Datasheet HTML 243Page - Renesas Technology Corp 7906 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 531 page
background image
THREE-PHASE WAVEFORM MODE
7906 Group User’s Manual Rev.2.0
10-35
10.6 Position-data-retain function
This function is used to retain the position data synchronously with the three-phase waveform output; and
there are three position-data input pins for the U, V, and W phases.
A trigger to retain the position data (hereafter, this trigger is referred to as “retain trigger.”) can be selected
by the retain-trigger polarity select bit (bit 3 at address AA16); this bits selects the falling edge of each
positive phase or rising edge of one.
10.6.1 Operation of position-data-retain function
Figure 10.6.1 shows a usage example of the position-data-retain function (U phase) when a retain trigger
is the falling edge of the positive signal.
➀ At the falling edge of the U-phase waveform output, the state at pin IDU is transferred to the U-phase
position data retain bit (bit 2 at address AA16).
➁ Until the next falling edge of the U-phase waveform output, the above value is retained.
Fig. 10.6.1 Usage example of position-data-retain function (U phase)
10.6 Position-data-retain function
Carrier wave
Pin IDU
Transferred
Transferred
U-phase position data retain bit
(bit 2 at address AA16)
Transferred
Transferred
➀
➁
U-phase waveform output
U-phase waveform output
Note: The retain trigger is the falling edge of the positive signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com