Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 243 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 243 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 239Page - Renesas Technology Corp 7906 Datasheet HTML 240Page - Renesas Technology Corp 7906 Datasheet HTML 241Page - Renesas Technology Corp 7906 Datasheet HTML 242Page - Renesas Technology Corp 7906 Datasheet HTML 243Page - Renesas Technology Corp 7906 Datasheet HTML 244Page - Renesas Technology Corp 7906 Datasheet HTML 245Page - Renesas Technology Corp 7906 Datasheet HTML 246Page - Renesas Technology Corp 7906 Datasheet HTML 247Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-2
q Clock synchronous serial I/O mode
Transfer data length of 8 bits (LSB first)
Transfer data length of 8 bits (MSB first)
q UART mode
Transfer data length of 7 bits
Transfer data length of 8 bits
Transfer data length of 9 bits
11.1 Overview
Serial I/O consists of 2 channels: UART0 and UART1. They each have a transfer clock generating timer for
the exclusive use of them and can operate independently.
UARTi (i = 0 and 1) has the following 2 operating modes:
(1)
Clock synchronous serial I/O mode
Transmitter and receiver use the same clock as the transfer clock. Transfer data has a length of 8
bits.
(2)
Clock asynchronous serial I/O (UART) mode
Transfer rate and transfer data format can arbitrarily be set. The user can select one transfer data
length from the following: 7 bits, 8 bits, and 9 bits.
Figure 11.1.1 shows the transfer data formats in each operating mode.
11.1 Overview
Fig. 11.1.1 Transfer data formats in each operating mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com