Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 241Page - Renesas Technology Corp 7906 Datasheet HTML 242Page - Renesas Technology Corp 7906 Datasheet HTML 243Page - Renesas Technology Corp 7906 Datasheet HTML 244Page - Renesas Technology Corp 7906 Datasheet HTML 245Page - Renesas Technology Corp 7906 Datasheet HTML 246Page - Renesas Technology Corp 7906 Datasheet HTML 247Page - Renesas Technology Corp 7906 Datasheet HTML 248Page - Renesas Technology Corp 7906 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-4
11.2.1 UARTi transmit/receive mode register
Figure 11.2.2 shows the structure of UARTi transmit/receive mode register.
11.2 Block description
Fig. 11.2.2 Structure of UARTi transmit/receive mode register
0
0
0
0
0
0
0
0
0
1
2
3
4
5
6
7
UART0 transmit/receive mode register (Address 3016)
UART1 transmit/receive mode register (Address 3816)
Serial I/O mode select bits
Internal/External clock select bit
Stop bit length select bit
(Valid in UART mode)
(Note)
Odd/Even parity select bit
(Valid in UART mode when parity
enable bit = “1.”)
(Note)
Parity enable bit
(Valid in UART mode)
(Note)
Sleep select bit
(Valid in UART mode)
(Note)
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Note: Bits 4 to 6 are invalid in the clock synchronous serial I/O mode. (They may be either “0” or “1.”) Additionally, fix bit 7 to “0.”
0 0 0 : Serial I/O is invalid.
(P1 functions as a programmable I/O port.)
0 0 1 : Clock synchronous serial I/O mode
0 1 0 :
0 1 1 :
1 0 0 : UART mode (Transfer data length = 7 bits)
1 0 1 : UART mode (Transfer data length = 8 bits)
1 1 0 : UART mode (Transfer data length = 9 bits)
1 1 1 : Do not select.
b2 b1 b0
0 : Internal clock
1 : External clock
0 : One stop bit
1 : Two stop bits
0 : Odd parity
1 : Even parity
0 : Parity disabled
1 : Parity enabled
0 : Sleep mode terminated (Invalid)
1 : Sleep mode selected
Do not select.
Bit name
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com