Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 245Page - Renesas Technology Corp 7906 Datasheet HTML 246Page - Renesas Technology Corp 7906 Datasheet HTML 247Page - Renesas Technology Corp 7906 Datasheet HTML 248Page - Renesas Technology Corp 7906 Datasheet HTML 249Page - Renesas Technology Corp 7906 Datasheet HTML 250Page - Renesas Technology Corp 7906 Datasheet HTML 251Page - Renesas Technology Corp 7906 Datasheet HTML 252Page - Renesas Technology Corp 7906 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-8
11.2 Block description
11.2.3 UARTi transmit/receive control register 1
Figure 11.2.4 shows the structure of UARTi transmit/receive control register 1.
Fig. 11.2.4 Structure of UARTi transmit/receive control register 1
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
0
1
2
3
4
5
6
7
Transmit enable bit
Transmit buffer empty flag
Receive enable bit
Receive complete flag
Overrun error flag
Framing error flag
(Note)
(Valid in UART mode)
Parity error flag
(Note)
(Valid in UART mode)
Error sum flag
(Note)
(Valid in UART mode)
b7 b6 b5 b4 b3 b2 b1 b0
0 : Reception disabled
1 : Reception enabled
0 : No data is present in the receive buffer register
1 : Data is present in the receive buffer register
Note: Bits 5 to 7 are invalid in the clock synchronous serial I/O mode.
0 : Transmission disabled
1 : Transmission enabled
0 : Data is present in the transmit buffer register
1 : No data is present in the transmit buffer register
0 : No parity error
1 : Parity error detected
0 : No error
1 : Error detected
0 : No overrun error
1 : Overrun error detected
0 : No framing error
1 : Framing error detected
0
1
0
0
0
0
0
0
RW
RO
RW
RO
RO
RO
RO
RO
Bit name
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com