Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 246Page - Renesas Technology Corp 7906 Datasheet HTML 247Page - Renesas Technology Corp 7906 Datasheet HTML 248Page - Renesas Technology Corp 7906 Datasheet HTML 249Page - Renesas Technology Corp 7906 Datasheet HTML 250Page - Renesas Technology Corp 7906 Datasheet HTML 251Page - Renesas Technology Corp 7906 Datasheet HTML 252Page - Renesas Technology Corp 7906 Datasheet HTML 253Page - Renesas Technology Corp 7906 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-9
(1)
Transmit enable bit (bit 0)
By setting this bit to “1,” UARTi enters the transmission-enabled state. By clearing this bit to “0”
during transmission, UARTi enters the transmission-disabled state after the transmission which was
in progress at that time is completed.
(2)
Transmit buffer empty flag (bit 1)
This flag is set to “1” when data set in the UARTi transmit buffer register has been transferred from
the UARTi transmit buffer register to the UARTi transmit register. This flag is cleared to “0” when data
has been set in the UARTi transmit buffer register.
(3)
Receive enable bit (bit 2)
By setting this bit to “1,” UARTi enters the reception-enabled state. By clearing this bit to “0” during
reception, UARTi quits the reception immediately and enters the reception-disabled state.
(4)
Receive complete flag (bit 3)
This flag is set to “1” when data has been ready in the UARTi receive register and that has been
transferred to the UARTi receive buffer register (i.e., when reception is completed). This flag is
cleared to “0” in one of the following cases:
• When the low-order byte of the UARTi receive buffer register has been read out
• When the receive enable bit (bit 2) has been cleared to “0”
(5)
Overrun error flag (bit 4)
Refer to section “11.3.7 Processing on detecting overrun error” and “11.4.7 Processing on
detecting error.”
(6)
Framing error flag, Parity error flag, Error sum flag (bits 5 to 7)
Refer to section “11.4.7 Processing on detecting error.”
11.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com