Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 250Page - Renesas Technology Corp 7906 Datasheet HTML 251Page - Renesas Technology Corp 7906 Datasheet HTML 252Page - Renesas Technology Corp 7906 Datasheet HTML 253Page - Renesas Technology Corp 7906 Datasheet HTML 254Page - Renesas Technology Corp 7906 Datasheet HTML 255Page - Renesas Technology Corp 7906 Datasheet HTML 256Page - Renesas Technology Corp 7906 Datasheet HTML 257Page - Renesas Technology Corp 7906 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-13
The UARTi receive register is used to convert serial data, which is input to the RxDi pin, into parallel data.
This register takes in the signal input to the RxDi pin, bit by bit, synchronously with the transfer clock.
The UARTi receive buffer register is used to read out receive data. When reception has been completed,
the receive data taken in the UARTi receive register is automatically transferred to the UARTi receive
buffer register. Note that the contents of the UARTi receive buffer register is updated when the next data
has been ready in the UARTi receive register before the data transferred to the UARTi receive buffer
register is read out. (i.e., an overrun error occurs.)
When “MSB first” is selected in the clock synchronous serial I/O mode, bit position of data in the UARTi
receive buffer register is reversed, and then the data of which bit position was reversed will be read out
as receive data. (Refer to section “11.3.2 Transfer data format.”) Receive operation itself is the same
whichever format is selected, “LSB first” or “MSB first.”
The UARTi receive buffer register is initialized by setting the receive enable bit (bit 2 at addresses 3516,
3D16) to “1” after clearing it to “0.”
Figure 11.2.9 shows the contents of the UARTi receive buffer register at reception completed.
11.2 Block description
b7
b0
b7
b0
0
000000
0
000000
0
000000
Receive data (9 bits)
Receive data (8 bits)
Receive data (7 bits)
UART mode
(Transfer data length : 9 bits)
Clock synchronous
serial I/O mode,
UART mode
(Transfer data length : 8 bits)
UART mode
(Transfer data length : 7 bits)
Same value as bit
7 in low-order byte
Same value as bit
6 in low-order byte
High-order byte
(addresses 3716, 3F16)
Low-order byte
(addresses 3616, 3E16)
Fig. 11.2.9 Contents of UARTi receive buffer register at reception completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com