| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 256 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 256 Page - Renesas Technology Corp |
|
256 / 531 page ![]() SERIAL I/O 7906 Group User’s Manual Rev.2.0 11-15 11.2.7 UARTi transmit interrupt control and UARTi receive interrupt control registers When using UARTi, 2 types of interrupts (UARTi transmit and UARTi receive interrupts) can be used. Each interrupt has its corresponding interrupt control register. Figure 11.2.12 shows the structure of UARTi transmit interrupt control and UARTi receive interrupt control registers. For details about these interrupts, refer to “CHAPTER 6. INTERRUPTS.” For the UARTi receive interrupt, a receive or receive error interrupt can be selected by the UARTi receive interrupt mode selected bit (bit 5 at addresses 3416, 3C16). 11.2 Block description Fig. 11.2.12 Structure of UARTi transmit interrupt control and UARTi receive interrupt control registers UART0 transmit interrupt control register (Address 7116) UART0 receive interrupt control register (Address 7216) UART1 transmit interrupt control register (Address 7316) UART1 receive interrupt control register (Address 7416) b7 b6 b5 b4 b3 b2 b1 b0 0 1 2 3 7 to 4 Interrupt priority level select bits Interrupt request bit Nothing is assigned. Note: When writing to this bit, use the MOVM (MOVMB) or STA (STAB, STAD) instruction. 0 0 0 : Level 0 (Interrupt disabled) 0 0 1 : Level 1 0 1 0 : Level 2 0 1 1 : Level 3 1 0 0 : Level 4 1 0 1 : Level 5 1 1 0 : Level 6 1 1 1 : Level 7 b2 b1 b0 0 : No interrupt requested 1 : Interrupt requested 0 0 0 0 Undefined RW RW RW RW (Note) — Bit name Bit Function At reset R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |