Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 251Page - Renesas Technology Corp 7906 Datasheet HTML 252Page - Renesas Technology Corp 7906 Datasheet HTML 253Page - Renesas Technology Corp 7906 Datasheet HTML 254Page - Renesas Technology Corp 7906 Datasheet HTML 255Page - Renesas Technology Corp 7906 Datasheet HTML 256Page - Renesas Technology Corp 7906 Datasheet HTML 257Page - Renesas Technology Corp 7906 Datasheet HTML 258Page - Renesas Technology Corp 7906 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-14
11.2.6 UARTi baud rate register (BRGi)
The UARTi baud rate register (BRGi) is an 8-bit timer exclusively used for UARTi to generate a transfer
clock. It has a reload register. Assuming that the value set in the BRGi is “n” (n = “0016” to “FF16”), the BRGi
divides the count source frequency by (n + 1).
In the clock synchronous serial I/O mode, the BRGi is valid when an internal clock is selected, and the
BRGi’s output divided by 2 becomes the transfer clock. In the UART mode, the BRGi is always valid, and
the BRGi’s output divided by 16 becomes the transfer clock.
The data written to the BRGi is written to both the timer and the reload register whichever transmission/
reception is in progress or not. Accordingly, writing to these register must be performed while transmission/
reception halts.
Figure 11.2.10 shows the structure of the UARTi baud rate register (BRGi); Figure 11.2.11 shows the block
diagram of transfer clock generating section.
11.2 Block description
BRGi
1/2
Transmit control circuit
Receive control circuit
Transfer clock for transmit operation
Transfer clock for receive operation
Transmit control circuit
Receive control circuit
Transfer clock for transmit operation
Transfer clock for receive operation
BRGi
1/16
<Clock synchronous serial I/O mode>
<UART mode>
fi : Clock selected by BRG count source select bits (f2, f16, f64, or f512)
fEXT : Clock input to CLKi pin (external clock)
1/16
fi
fEXT
fEXT
fi
Fig. 11.2.11 Block diagram of transfer clock generating section
Fig. 11.2.10 Structure of UARTi baud rate register (BRGi)
Undefined
7 to 0
UART0 baud rate register (BRG0) (Address 3116)
UART1 baud rate register (BRG1) (Address 3916)
Any value in the range from “0016” to “FF16” can be set.
Assuming that the set value = n, BRGi divides the count source frequency by (n + 1).
WO
b0
Note: Writing to this register must be performed while the transmission/reception halts.
Use the MOVM (MOVMB) or STA (STAB, STAD) instruction for writing to this register.
b7
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com