Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 253Page - Renesas Technology Corp 7906 Datasheet HTML 254Page - Renesas Technology Corp 7906 Datasheet HTML 255Page - Renesas Technology Corp 7906 Datasheet HTML 256Page - Renesas Technology Corp 7906 Datasheet HTML 257Page - Renesas Technology Corp 7906 Datasheet HTML 258Page - Renesas Technology Corp 7906 Datasheet HTML 259Page - Renesas Technology Corp 7906 Datasheet HTML 260Page - Renesas Technology Corp 7906 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-16
11.2 Block description
(1)
Interrupt priority level select bits (bits 0 to 2)
These bits select a priority level of the UARTi transmit interrupt or UARTi receive interrupt. When
using UARTi transmit/receive interrupts, select one of the priority levels (1 to 7). When a UARTi
transmit/receive interrupt request occurs, its priority level is compared with the processor interrupt
priority level (IPL). The requested interrupt is enabled only when its priority level is higher than the
IPL. (However, this applies when the interrupt disable flag (I) = “0.”) To disable UARTi transmit/
receive interrupts, be sure to set these bits to “0002” (level 0).
(2)
Interrupt request bit (bit 3)
The UARTi transmit interrupt request bit is set to “1” when data has been transferred from the UARTi
transmit buffer register to the UARTi transmit register.
The UARTi receive interrupt request bit functions as below:
s When receive interrupt is selected (bit 5 = 0 at addresses 3416, 3C16)
The UARTi receive interrupt request bit is set to “1” when data has been transferred from the
UARTi receive register to the UARTi receive buffer register.
(However, the UARTi receive interrupt request bit does not change when an overrun error has
occurred.)
s When receive error interrupt is selected (bit 5 = 1 at addresses 3416, 3C16)
The UARTi receive interrupt request bit is set to “1” when an error (an overrun error in the clock
synchronous serial I/O mode; an overrun error, framing error, or parity error in UART mode) has
occurred.
Each interrupt request bit is automatically cleared to “0” when its corresponding interrupt request has
been accepted. This bit can be set to “1” or cleared to “0” by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com