Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 256Page - Renesas Technology Corp 7906 Datasheet HTML 257Page - Renesas Technology Corp 7906 Datasheet HTML 258Page - Renesas Technology Corp 7906 Datasheet HTML 259Page - Renesas Technology Corp 7906 Datasheet HTML 260Page - Renesas Technology Corp 7906 Datasheet HTML 261Page - Renesas Technology Corp 7906 Datasheet HTML 262Page - Renesas Technology Corp 7906 Datasheet HTML 263Page - Renesas Technology Corp 7906 Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-19
11.2.10 CTS/RTS function
When the CTS function is selected, the signal input to the CTSi pin must be at “L” level. (This is one of
the transmit conditions.)
When the RTS function is selected, the RTSi pin outputs the following signals:
(1)
Clock synchronous serial I/O mode
When the receive enable bit (bit 2 at addresses 3516, 3D16) = “0” (reception disabled), the RTSi pin
outputs “H” level.
When the receive enable bit = “0” (reception disabled), the RTSi pin outputs “L” level by setting the
receive enable bit to “1,” or by reading the low-order byte of the UARTi receive buffer register.
When the receive enable bit = “1” (continuously reception), the RTSi pin outputs “L” level by reading
the low-order byte of the UARTi receive buffer register.
When reception has started, the RTSi pin outputs “H” level.
When an internal clock is selected (bit 3 at addresses 3016, 3816 = “0”), do not select the RTS function
because the RTS output is undefined.
(2)
UART mode
When the receive enable bit (bit 2 at addresses 3516, 3D16) = “0” (reception disabled), the RTSi pin
outputs “H” level.
When the receive enable bit = “0” (reception disabled), the RTSi pin outputs “L” level by setting the
receive enable bit to “1,” or by reading the low-order byte of the UARTi receive buffer register.
When the receive enable bit = “1” (continuously reception), the RTSi pin outputs “L” level by reading
the low-order byte of the UARTi receive buffer register.
When reception has started, the RTSi pin outputs “H” level.
Selection of the CTS/RTS function depends on the following bits.
•CTS/RTS function select bit (bit 2 at addresses 3416, 3C16: see Figure 11.2.3.)
•CTS/RTS enable bit (bit 4 at addresses 3416, 3C16: see Figure 11.2.3.)
•CTS0/RTS0 separate select bit (bit 0 at address AC16: see Figure 11.2.13.)
•CTS1/RTS1 separate select bit (bit 1 at address AC16: see Figure 11.2.13.)
Table 11.2.1 lists the selection of the CTS/RTS function.
11.2 Block description
✕: It may be either “0” or “1.”
Notes 1: When using the P11 or P15 pin as the CTSi pin, be sure to clear the corresponding bit of the port
P1 direction register to “0.”
2: When CTSi/RTSi separation is selected, the CLKi pin cannot be used. Accordingly, CTSi/RTSi
cannot be separated in the clock synchronous serial I/O mode. When separating CTSi/RTSi in
UART mode, be sure to select an internal clock.
Table 11.2.1 Selection of CTS/RTS function
0
1
✕
✕
0
1
✕
CTS/RTS
enable bit
Functions
0
1
CTSi/RTSi
separate select bit
CTS/RTS
function select bit P10/CTS0/RTS0 pin
CTS0
RTS0
RTS0
P10
P11 or CLK0
P11 or CLK0
CTS0 (Notes 1, 2)
P11 or CLK0
P11/CTS0/CLK0 pin P14/CTS1/RTS1 pin
CTS1
RTS1
RTS1
P14
P15 or CLK1
P15 or CLK1
CTS1 (Notes 1, 2)
P15 or CLK1
P15/CTS1/CLK1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com