Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 254Page - Renesas Technology Corp 7906 Datasheet HTML 255Page - Renesas Technology Corp 7906 Datasheet HTML 256Page - Renesas Technology Corp 7906 Datasheet HTML 257Page - Renesas Technology Corp 7906 Datasheet HTML 258Page - Renesas Technology Corp 7906 Datasheet HTML 259Page - Renesas Technology Corp 7906 Datasheet HTML 260Page - Renesas Technology Corp 7906 Datasheet HTML 261Page - Renesas Technology Corp 7906 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-17
Fig. 11.2.13 Structure of serial I/O pin control register
(1)
CTS0/RTS0 separate select bit (bit 0)
Refer to section “11.2.10 CTS/RTS function.”
(2)
CTS1/RTS1 separate select bit (bit 1)
Refer to section “11.2.10 CTS/RTS function.”
(3)
TxD0/P13 switch bit (bit 2)
When this bit is set to “1,” the TxD0 pin functions as a programmable I/O port pin (P13). When only
reception is performed, the TxD0 pin can be used as the P13 pin. When performing transmission, be
sure to clear this bit to “0.”
(4)
TxD1/P17 switch bit (bit 3)
When this bit is set to “1,” the TxD1 pin functions as a programmable I/O port pin (P17). When only
reception is performed, the TxD1 pin can be used as the P17 pin. When preforming transmission, be
sure to clear this bit to “0.”
11.2 Block description
11.2.8 Serial I/O pin control register
Figure 11.2.13 shows the structure of the seral I/O pin control register.
Serial I/O pin control register (Address AC16)
b7 b6 b5 b4 b3 b2 b1 b0
0
1
2
3
7 to 4
CTS0/RTS0 separate select bit
(Note)
CTS1/RTS1 separate select bit
(Note)
TxD0/P13 switch bit
TxD1/P17 switch bit
The value is “0” at reading.
0 : CTS0/RTS0 are used together.
1 : CTS0/RTS0 are separated.
0 : Functions as TxD1.
1 : Functions as P17.
RW
RW
RW
RW
—
Bit name
Bit
Function
At reset
R/W
0 : CTS1/RTS1 are used together.
1 : CTS1/RTS1 are separated.
0 : Functions as TxD0.
1 : Functions as P13.
0
0
0
0
0
Note: Valid when the CTS/RTS enable bit (bit 4 at addresses 3416 and 3C16) is “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com