Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 255Page - Renesas Technology Corp 7906 Datasheet HTML 256Page - Renesas Technology Corp 7906 Datasheet HTML 257Page - Renesas Technology Corp 7906 Datasheet HTML 258Page - Renesas Technology Corp 7906 Datasheet HTML 259Page - Renesas Technology Corp 7906 Datasheet HTML 260Page - Renesas Technology Corp 7906 Datasheet HTML 261Page - Renesas Technology Corp 7906 Datasheet HTML 262Page - Renesas Technology Corp 7906 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-18
11.2 Block description
11.2.9 Port P8 direction register
I/O pins for serial I/O are multiplexed with port P1 pins. When using pins P11, P12, P15, and P16 as serial
I/O’s input pins (CTSi, RxDi), clear the corresponding bits of the port P1 direction register to “0” in order
to set these pins for the input mode. When using these pins as other serial I/O’s pins (CTSi/RTSi, CLKi,
TxDi), these pins are forcibly set as I/O pins for serial I/O regardless of the port P8 direction register’s
contents. Figure 11.2.14 shows the relationship between the port P1 direction register and serial I/O’s
I/O pins. For details, refer to the description of each operating mode.
Fig. 11.2.14 Relationship between port P1 direction register and serial I/O’s I/O pins
Corresponding pin name
Bit
0
1
2
3
4
5
6
7
Port P1 direction register (Address 516)
Function
At reset
R/W
Pin CTS0/RTS0
Pin CTS0/CLK0
Pin RxD0
Pin TxD0
Pin CTS1/RTS1
Pin CTS1/CLK1
Pin RxD1
Pin TxD1
0
0
0
0
0
0
0
0
RW
RW
RW
RW
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
0 : Input mode
1 : Output mode
When using pins P11, P12, P15, and P16 as serial
I/O’s input pins (CTS0, RxD0, CTS1, RxD1), clear
the corresponding bits to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com