Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 257Page - Renesas Technology Corp 7906 Datasheet HTML 258Page - Renesas Technology Corp 7906 Datasheet HTML 259Page - Renesas Technology Corp 7906 Datasheet HTML 260Page - Renesas Technology Corp 7906 Datasheet HTML 261Page - Renesas Technology Corp 7906 Datasheet HTML 262Page - Renesas Technology Corp 7906 Datasheet HTML 263Page - Renesas Technology Corp 7906 Datasheet HTML 264Page - Renesas Technology Corp 7906 Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-20
11.3 Clock synchronous serial I/O mode
11.3 Clock synchronous serial I/O mode
Table 11.3.1 lists the performance overview in the clock synchronous serial I/O mode, and Table 11.3.2 lists
the functions of I/O pins in this mode.
Table 11.3.1 Performance overview in clock synchronous serial I/O mode
Item
Transfer data format
Transfer rate
Transmit/Receive control
When selecting internal clock
When selecting external clock
Functions
Transfer data has a length of 8 bits.
LSB first or MSB first can be selected by software.
BRGi’s output divided by 2
Maximum 5 Mbps
CTS function or RTS function can be selected by software.
Table 11.3.2 Functions of I/O pins in clock synchronous serial I/O mode
Functions
Serial data output pin
Programmable I/O port pin
Serial data input pin
Programmable I/O port pin
Transfer clock output pin
Transfer clock input pin
CTS input pin
RTS output pin
Programmable I/O port
Pin name
TxDi (P13, P17)
RxDi (P12, P16)
CLKi (P11, P15)
CTSi, RTSi
(P10, P11, P14, P15)
Method of selection
TxD0/P13 or TxD1/P17 switch bit = “0”
(Dummy data is output when performing only reception.) (Note)
TxD0/P13 or TxD1/P17 switch bit = “1”
Port P1 direction register’s corresponding bit = “0”
– (Can be used as an I/O port pin when performing only transmission.)
Internal/External clock select bit = “0”
Internal/External clock select bit = “1”
See Table 11.2.1.
Port P1 direction register: address 0516
Internal/External clock select bit: bit 3 at addresses 3016, 3816
TxD0/P13 switch bit: bit 2 at address AC16
TxD1/P17 switch bit: bit 3 at address AC16
Note: The TxDi pin outputs “H” level until transmission starts after UARTi’s operating mode is selected.
11.3.1 Transfer clock (Synchronizing clock)
Data transfer is performed synchronously with a transfer clock. For the transfer clock, the following selection
is possible:
q Whether to generate a transfer clock internally or to input it from the external.
q Polarity of transfer clock.
The transfer clock is generated by operation of the transmit control circuit. Accordingly, even when performing
only reception, set the transmit enable bit to “1,” and set dummy data in the UARTi transmit buffer register
in order to make the transmit control circuit active.
(1)
Internal generation of transfer clock
The count source selected with the BRG count source select bits is divided by the BRGi, and the
BRGi output is further divided by 2. This divided output is the transfer clock. The transfer clock is
output from the CLKi pin.
Transfer clock’s frequency =
fi: Frequency of BRGi’s count source (f2, f16, f64, or f512)
n: Setting value of BRGi
fi
2 (n+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com