Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 261Page - Renesas Technology Corp 7906 Datasheet HTML 262Page - Renesas Technology Corp 7906 Datasheet HTML 263Page - Renesas Technology Corp 7906 Datasheet HTML 264Page - Renesas Technology Corp 7906 Datasheet HTML 265Page - Renesas Technology Corp 7906 Datasheet HTML 266Page - Renesas Technology Corp 7906 Datasheet HTML 267Page - Renesas Technology Corp 7906 Datasheet HTML 268Page - Renesas Technology Corp 7906 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-24
11.3 Clock synchronous serial I/O mode
Fig. 11.3.2 Initial setting example for relevant registers when transmitting
0
UART0 transmit/receive mode register (Address 3016)
UART1 transmit/receive mode register (Address 3816)
b7
b0
Internal/External clock select bit
0: Internal clock
1: External clock
✕
✕✕
✕: It may be either “0” or “1.”
Selection of clock synchronous serial
I/O mode
UART0 transmit/receive control register 0 (Address 3416)
UART1 transmit/receive control register 0 (Address 3C16)
b7
b0
BRG count source select bits
CTS
/RTS function select bit
0: CTS function selected
1: RTS function selected
0 0 : f2
0 1 : f16
1 0 : f64
1 1 : f512
b1 b0
Transmission starts.
UART0 transmit buffer register (Address 3216)
UART1 transmit buffer register (Address 3A16)
b7
b0
Transmit data is set.
1
UART0 transmit/receive control register 1 (Address 3516)
UART1 transmit/receive control register 1 (Address 3D16)
b7
b0
Transmit enable bit
1: Transmission is enabled.
(In the case of selecting the CTS function, transmission
starts when the CTS0 pin’s input level is “L.”)
UART0 baud rate register (BRG0) (Address 3116)
UART1 baud rate register (BRG1) (Address 3916)
b7
b0
Can be set to “0016” to “FF16.”
UART0 transmit interrupt control register (Address 7116)
UART1 transmit interrupt control register (Address 7316)
b7
b0
Interrupt priority level select bits
When using interrupts, set these bits to
one of levels 1 to 7.
When disabling interrupts, set these bits
to level 0.
CTS
/RTS enable bit
0: CTS/RTS function is enabled.
1: CTS/RTS function is disabled.
CLK polarity select bit
0: At the falling edge of the transfer
clock, transmit data is output.
1: At the rising edge of the transfer
clock, transmit data is output.
Transfer format select bit
0: LSB first
1: MSB first
Serial I/O pin control register (Address AC16)
b7
b0
CTS0/RTS0 separate select bit
0: CTS0/RTS0 are used together (Note).
Note: In the clock synchronous serial I/O
mode, CTSi/RTSi separation cannot
be selected. (Refer to section “[Pre-
cautions for clock synchronous
serial I/O mode].”)
When extenal clock is selected
When internal clock is selected
1
0
0
CTS1/RTS1 separate select bit
0: CTS1/RTS1 are used together (Note).
TxD0/P13 switch bit
0: Functions as TxD0.
TxD1/P17 switch bit
0: Functions as TxD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com