Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 265Page - Renesas Technology Corp 7906 Datasheet HTML 266Page - Renesas Technology Corp 7906 Datasheet HTML 267Page - Renesas Technology Corp 7906 Datasheet HTML 268Page - Renesas Technology Corp 7906 Datasheet HTML 269Page - Renesas Technology Corp 7906 Datasheet HTML 270Page - Renesas Technology Corp 7906 Datasheet HTML 271Page - Renesas Technology Corp 7906 Datasheet HTML 272Page - Renesas Technology Corp 7906 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-28
11.3 Clock synchronous serial I/O mode
11.3.5 Method of reception
Figure 11.3.8 shows an initial setting example for relevant registers when receiving. Reception is started
when all of the following conditions (➀ to ➂) have been satisfied. When an external clock is selected,
satisfy conditions ➀ to ➂ with the following preconditions satisfied.
<Preconditions>
The CLKi pin’s input is at “H” level (External clock selected, when the CLK polarity select bit = “0” ).
The CLKi pin’s input is at “L” level (External clock selected, when the CLK polarity select bit = “1”).
Note: When an internal clock is selected, the above preconditions are ignored.
➀ Dummy data is present in the UARTi transmit buffer register (transmit buffer empty flag = “0”)
➁ Reception is enabled (receive enable bit = “1”).
➂ Transmission is enabled (transmit enable bit = “1”).
By connecting the RTSi pin (receiver side) and CTSi pin (transmitter side), the timing of transmission and
that of reception can be matched. For details, refer to section “11.3.6 Receive operation.”
When using interrupts, it is necessary to set the relevant registers to enable interrupts. For details, refer
to “CHAPTER 6. INTERRUPTS.”
Figure 11.3.9 shows processing after reception is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com