Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 268Page - Renesas Technology Corp 7906 Datasheet HTML 269Page - Renesas Technology Corp 7906 Datasheet HTML 270Page - Renesas Technology Corp 7906 Datasheet HTML 271Page - Renesas Technology Corp 7906 Datasheet HTML 272Page - Renesas Technology Corp 7906 Datasheet HTML 273Page - Renesas Technology Corp 7906 Datasheet HTML 274Page - Renesas Technology Corp 7906 Datasheet HTML 275Page - Renesas Technology Corp 7906 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-31
11.3 Clock synchronous serial I/O mode
11.3.6 Receive operation
In the case of an internal clock selected, when the receive conditions described in section “11.3.5 Method
of reception” have been satisfied, a transfer clock is generated and the reception is started after 1 cycle
of the transfer clock or less has passed. In the case of an external clock selected, when the receive
conditions have been satisfied, the UARTi enters the receive-enabled state, and then reception will be
started when an external clock is input to the CLKi pin.
In the case of an external clock selected, when connecting the RTSi pin to the CTSi pin of the transmitter
side, the timing of transmission and that of reception can be matched. In the case of an internal clock
selected, do not use the RTS function. It is because the RTS output is undefined in the case of an internal
clock selected.
In the case of an external clock and the RTS function selected, the RTSi pin’s output level becomes as
described below.
When the receive enable bit = “0,” if one of the following is performed, the RTSi pin’s output level becomes
“L” and informs of the transmitter side that reception has become enabled:
• The receive enable bit is set to “1.”
• The low-order byte of the UARTi receive buffer register is read out.
When the receive enable bit = “1,” if the low-order byte of the UARTi receive buffer register is read out,
the RTSi pin’s output level becomes “L.”
Accordingly, when performing reception continuously, an overrun occurrence can be avoided because the
RTS output level does not become “L” until the receive data is read out.
When reception has started, the RTSi pin’s output level becomes “H.”
Figure 11.3.10 shows a connection example.
Fig. 11.3.10 Connection example
TxDi
RxDi
CLKi
TxDi
RxDi
CLKi
Transmitter side
Receiver side
CTSi
RTSi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com