Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 270Page - Renesas Technology Corp 7906 Datasheet HTML 271Page - Renesas Technology Corp 7906 Datasheet HTML 272Page - Renesas Technology Corp 7906 Datasheet HTML 273Page - Renesas Technology Corp 7906 Datasheet HTML 274Page - Renesas Technology Corp 7906 Datasheet HTML 275Page - Renesas Technology Corp 7906 Datasheet HTML 276Page - Renesas Technology Corp 7906 Datasheet HTML 277Page - Renesas Technology Corp 7906 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-33
11.3 Clock synchronous serial I/O mode
Fig. 11.3.11 Receive operation
Fig. 11.3.12 Example of receive timing (when external clock selected)
UARTi receive register
D7
D6
D5
D4
D3
D2
D1
D0
D0
D1
D0
Receive data
MSB
b7
b0
LSB
D2
D1
D0
Transfer clock output from
or input to CLKi pin (Note).
UARTi receive buffer register
•
•
•
•
•
•
Note: This applies when the CLK polarity select bit = “0.”
When the CLK polarity select bit = “1,” data is shifted at the rising edge of
the transfer clock.
The above timing diagram applies when the following
conditions are satisfied:
q External clock selected
q RTS function selected
q CLK polarity select bit = “0”
fEXT: Frequency of external clock
D0
D1
D2 D3
D4 D5 D6
D7
D0
D1 D2
D3
D4
D5
1/fEXT
RTSi
CLKi
RxDi
When the CLKi pin’s input level is “H,” be sure to sati
the following conditions:
q Writing of dummy data to UARTi transmit buffer re
q Transmit enable bit = “1”
q Receive enable bit = “1”
Receive enable bit
Transmit enable bit
Transmit buffer
empty flag
Dummy data is set to UARTi transmit buffer register.
UARTi transmit register
←UARTi transmit buffer
Receive data is taken in.
UARTi receive register
→UARTi receive buffer register
UARTi receive buffer register is read o
Receive complete flag
UARTi receive
interrupt request bit
Cleared to “0” when interrupt request is accepted or
cleared to “0” by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com