Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 269Page - Renesas Technology Corp 7906 Datasheet HTML 270Page - Renesas Technology Corp 7906 Datasheet HTML 271Page - Renesas Technology Corp 7906 Datasheet HTML 272Page - Renesas Technology Corp 7906 Datasheet HTML 273Page - Renesas Technology Corp 7906 Datasheet HTML 274Page - Renesas Technology Corp 7906 Datasheet HTML 275Page - Renesas Technology Corp 7906 Datasheet HTML 276Page - Renesas Technology Corp 7906 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 531 page
background image
SERIAL I/O
7906 Group User’s Manual Rev.2.0
11-32
11.3 Clock synchronous serial I/O mode
The receive operations are described below:
➀ The signal input to the RxDi pin is taken into the most significant bit of the UARTi receive register
synchronously with the valid edge✼ of the clock output from the CLKi pin or input to the CLKi pin.
➁ The contents of the UARTi receive register are shifted, bit by bit, to the right.
➂ Steps ➀ and ➁ are repeated at each valid edge of the clock output from the CLKi pin or input to the
CLKi pin.
➃ When 1-byte data has been prepared in the UARTi receive register, the contents of this register are
transferred to the UARTi receive buffer register.
➄ Simultaneously with step ➃, the receive complete flag is set to “1.” Additionally, when the receive
interrupt is selected (UARTi receive interrupt mode select bit = “0”), a UARTi receive interrupt request
occurs and its interrupt request bit is set to “1.”
Valid edge✼ : A rising edge is selected when the CLK polarity select bit = “0.”
A falling edge is selected when the CLK polarity select bit = “1.”
The receive complete flag is cleared to “0” when the low-order byte of the UARTi receive buffer register
is read out. Figure 11.3.11 shows the receive operation, and Figure 11.3.12 shows an example of receive
timing (when an external clock is selected).
When the transfer format select bit is “1” (MSB first), each bit’s position of this register’s contents is
reversed, and then the resultant data is read out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com